Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1760 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1760
Description  0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1760 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1760_07 Datasheet HTML 1Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 2Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 3Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 4Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 5Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 6Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 7Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 8Page - Maxim Integrated Products MAX1760_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
0.8A, Low-Noise, 1MHz,
Step-Up DC-DC Converter
4
_______________________________________________________________________________________
Note 1: Operating voltage—since the regulator is bootstrapped to the output, once started, the MAX1760 operates down
to 0.7V input.
Note 2: Startup is tested with the circuit shown in Figure 6.
Note 3: Defines maximum step-up ratio.
Note 4: The regulator is in startup mode until this voltage is reached. Do not apply full load current until the output exceeds 2.3V.
Note 5: Supply current into the OUT pin. This current correlates directly to the actual battery-supply current, but is reduced in
value according to the step-up ratio and efficiency.
Note 6: ON (MAX1760) and ON (MAX1760H) have a hysteresis of approximately 0.15
× VOUT.
Note 7: Specifications to -40°C are guaranteed by design and not production tested.
100
0
0.0001
0.001
0.01
0.1
1
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 3.3V
20
OUTPUT CURRENT (A)
40
70
90
60
80
10
30
50
A
B
C
A: VIN = 2.4V
B: VIN = 1.2V
C: VIN = 0.9V
= AUTO MODE
= FPWM MODE
100
0
0.0001
0.001
0.01
0.1
1
EFFICIENCY vs. OUTPUT CURRENT
VOUT = 5V
20
OUTPUT CURRENT (A)
40
70
90
60
80
10
30
50
A: VIN = 3.6V
B: VIN = 2.4V
C: VIN = 1.2V
= AUTO MODE
= FPWM MODE
A
B
C
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
0.1
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
0.3
0.2
0.5
0.4
0.8
0.7
0.6
0.9
INPUT VOLTAGE (V)
VOUT = 3.3V
VOUT = 5V
ELECTRICAL CHARACTERISTICS (continued)
(CLK/SEL = FB = PGND = GND, ISET = REF, OUT = POUT, VOUT = 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 7)
Typical Operating Characteristics
(Circuit of Figure 2, VIN = 2.4V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
N-Channel Current Limit
1.0
1.6
A
REFERENCE
Reference Output Voltage
IREF = 0
1.230
1.270
V
LOGIC INPUTS
CLK/SEL Input Low Level
2.5V
≤ VOUT ≤ 5.5V
0.2 x
VOUT
V
CLK/SEL Input High Level
2.5V
≤ VOUT ≤ 5.5V
0.8 x
VOUT
V
1.1V
≤ VOUT ≤ 1.8V
0.2
ON, ON Input Low Level (Note 6)
1.8V
≤ VOUT ≤ 5.5V
0.4
V
1.1V
≤ VOUT ≤ 1.8V
VOUT + 0.2
ON, ON Input High Level (Note 6)
1.8V
≤ VOUT ≤ 5.5V
1.6
V
Input Leakage Current
CLK/SEL, ON, ON
1
µA


Similar Part No. - MAX1760_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600 MAXIM-MAX17600 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ATA++ MAXIM-MAX17600ATA+ Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
More results

Similar Description - MAX1760_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com