Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1760HEUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1760HEUB
Description  0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1760HEUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1760HEUB Datasheet HTML 1Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 2Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 3Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 4Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 5Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 6Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 7Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 8Page - Maxim Integrated Products MAX1760HEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
0.8A, Low-Noise, 1MHz,
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(CLK/SEL = FB = PGND = GND, ISET = REF, OUT = POUT, VOUT = 3.6V, TA = 0°C to +85°C. Typical values are at TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ON, ON, OUT, CLK/SEL to GND ..................................-0.3V to +6V
PGND to GND ..........................................................................±0.3V
LX to PGND .................................................-0.3V to (VPOUT + 0.3V)
POUT to OUT ...........................................................................±0.3V
REF, FB, ISET, POUT to GND.......................-0.3V to (VOUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Single-Layer Board:
10-Pin µMAX
(derate 5.6mW/°C above +70°C).................................….444mW
10-Pin TDFN-EP (derate 18.5mW/°C above +70°C) .....1482mW
Multilayer Board:
10-Pin µMAX (derate 8.8mW/°C above +70°C) ..........….707mW
10-Pin TDFN-EP (derate 24.4mW/°C above +70°C) .....1951mW
Operating Temperature Range................................-40°C to +85°C
Junction Temperature ...........................................................+150°C
Storage Temperature Range .................................-65°C to +150°C
Lead Temperature (soldering, 10s)......................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC CONVERTER
Input Voltage Range
(Note 1)
0.7
5.5
V
Minimum Startup Voltage
ILOAD < 1mA, TA = +25°C (Note 2)
0.9
1.1
V
Temperature Coefficient of Startup Voltage
ILOAD < 1mA
-2.3
mV/°C
Frequency in Startup Mode
VOUT = 1.5V
125
500
1000
kHz
Internal Oscillator Frequency
CLK/SEL = OUT
0.8
1
1.2
MHz
Oscillator Maximum Duty Cycle
(Note 3)
80
86
90
%
External Clock Frequency Range
0.5
1.2
MHz
Output Voltage
VFB < 0.1V, CLK/SEL = OUT, includes load
regulation for 0 < ILX < 0.55A
3.17
3.3
3.38
V
FB Regulation Voltage
Adjustable output, CLK/SEL = OUT, includes
load regulation for 0 < ILX < 0.55A
1.215
1.240
1.270
V
FB Input Leakage Current
VFB = 1.35V (TA = +25°C, MAX1760ETB,
MAX1760HETB)
0.01
100
nA
Load Regulation
CLK/SEL = OUT, no load to full load
(0 < ILX < 1.0A)
-1.5
%
Output Voltage Adjust Range
2.5
5.5
V
Output Voltage Lockout Threshold
Rising edge (Note 4)
2.00
2.15
2.30
V
ISET Input Leakage Current
VISET = 1.25V (TA = +25°C, MAX1760ETB,
MAX1760HETB)
±0.01
±50
nA
Supply Current in Shutdown
V ON = 3.6V, VON = 0V
0.1
5
µA
No-Load Supply Current
CLK/SEL = GND (Note 5)
100
185
µA
No-Load Supply Current Forced-PWM Mode
CLK/SEL = OUT
2.5
mA
DC-DC SWITCHES
POUT Leakage Current
VLX = 0, VOUT = 5.5V (TA = +25°C,
MAX1760ETB, MAX1760HETB)
0.1
10
µA
LX Leakage Current
VLX = VOUT = 5.5V, in shutdown (TA =
+25°C, MAX1760ETB, MAX1760HETB)
0.1
10
µA


Similar Part No. - MAX1760HEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600 MAXIM-MAX17600 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX1760HEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com