Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QE8 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08QE8
Description  8-Bit HCS08 Central Processor Unit
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE8 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08QE8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© Freescale Semiconductor, Inc., 2007–2008. All rights reserved.
Preliminary
Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
32-Pin LQFP
Case 873A
28-Pin SOIC
751F-05
16-Pin PDIP
648
16-Pin TSSOP
948F
20-Pin SOIC
751D-07
Features
• 8-Bit HCS08 Central Processor Unit (CPU)
– Up to 20 MHz CPU at 3.6 V to 1.8 V across temperature range of
–40°C to 85°C
– HC08 instruction set with added BGND instruction
– Support for up to 32 interrupt/reset sources
•On-Chip Memory
– Flash read/program/erase over full operating voltage and
temperature
– Random-Access memory (RAM)
– Security circuitry to prevent unauthorized access to RAM and
flash contents
• Power-Saving Modes
– Two low power stop modes
– Reduced power wait mode
– Low power run and wait modes allow peripherals to run while
voltage regulator is in standby
– Peripheral clock gating register can disable clocks to unused
modules, thereby reducing currents
– Very low power external oscillator that can be used in stop2 or
stop3 modes to provide accurate clock source to real time counter
–6
μs typical wake-up time from stop3 mode
• Clock Source Options
– Oscillator (XOSC) — Loop-Control Pierce oscillator; crystal or
ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to
16 MHz
– Internal Clock Source (ICS) — Internal clock source module
containing a frequency-locked-loop (FLL) controlled by internal
or external reference; precision trimming of internal reference
allows 0.2% resolution and 2% deviation over temperature and
voltage; supporting bus frequencies from 1 MHz to 10 MHz
• System Protection
– Watchdog computer operating properly (COP) reset with option to
run from dedicated 1 kHz internal clock source or bus clock
– Low-Voltage warning with interrupt
– Low-Voltage detection with reset or interrupt
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash block protection
• Development Support
– Single-Wire background debug interface
– Breakpoint capability to allow single breakpoint setting during
in-circuit debugging (plus two more breakpoints in on-chip debug
module)
– On-Chip in-circuit emulator (ICE) debug module containing two
comparators and nine trigger modes; eight deep FIFO for storing
change-of-flow addresses and event-only data; debug module
supports both tag and force breakpoints
• Peripherals
– ADC — 10-channel, 12-bit resolution; 2.5
μs conversion time;
automatic compare function; 1.7 mV/
°C temperature sensor;
internal bandgap reference channel; operation in stop3; fully
functional from 3.6 V to 1.8 V
– ACMPx — Two analog comparators with selectable interrupt on
rising, falling, or either edge of comparator output; compare
option to fixed internal bandgap reference voltage; outputs can be
optionally routed to TPM module; operation in stop3
– SCI — Full-Duplex non-return to zero (NRZ); LIN master
extended break generation; LIN slave extended break detection;
wake-up on active edge
– SPI — Full-Duplex or single-wire bidirectional; double-buffered
transmit and receive; master or slave mode; MSB-first or
LSB-first shifting
– IIC — Up to 100 kbps with maximum bus loading; multi-master
operation; programmable slave address; interrupt driven
byte-by-byte data transfer; supporting broadcast mode and 10-bit
addressing
– TPMx — Two 3-channel (TPM1 and TPM2); selectable input
capture, output compare, or buffered edge- or center-aligned
PWM on each channel
– RTC — (Real-time counter) 8-bit modulus counter with binary or
decimal based prescaler; external clock source for precise time
base, time-of-day, calendar or task scheduling functions; free
running on-chip low power oscillator (1 kHz) for cyclic wake-up
without external components; runs in all MCU modes
• Input/Output
– 26 GPIOs, one output-only pin and one input-only pin
– Eight KBI interrupts with selectable polarity
– Hysteresis and configurable pullup device on all input pins;
configurable slew rate and drive strength on all output pins.
• Package Options
– 32-pin LQFP, 28-pin SOIC, 20-pin SOIC, 16-pin PDIP,
16-pin TSSOP
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MC9S08QE8
Rev. 3, 1/2008
MC9S08QE8 Series
Covers: MC9S08QE8 and
MC9S08QE4


Similar Part No. - MC9S08QE8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
1Mb / 52P
   Up to 20 MHz CPU at 3.6 V to 1.8 V across temperature range of ??0 째C to 85 째C
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
226Kb / 2P
   Taking the lead in low power
MC9S08QE8CLC FREESCALE-MC9S08QE8CLC Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8CPG FREESCALE-MC9S08QE8CPG Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
More results

Similar Description - MC9S08QE8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com