Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2652E3KG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2652E3KG4
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2652E3KG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2652E3KG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA2652E3KG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
APPLICATIONS INFORMATION
Wideband Voltage Feedback Operation
V
O
V
I
1/2
OPA2652
50W
R
F
402W
R
G
402W
R
B
205W
R
M
57.6W
Source
+5V
-5V
R
O
49.9W
0.1 F
m
6.8 F
m
+
0.1 F
m
0.1 F
m
6.8 F
m
+
50
Load
W
=
1
-
V
O
V
I
1/2
OPA2652
+5V
+
-5V
50
Load
W
49.9W
174W
49.9W
V
O
V
I
50
Source
W
R
G
402W
R
F
402W
+
6.8 F
m
0.1 F
m
6.8 F
m
0.1 F
m
0.1 F
m
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
Voltage swings reported in the specifications are
taken directly at the input and output pins, while
The OPA2652 is a dual, low-power, wideband
output powers (dBm) are at the matched 50
Ω load.
voltage feedback operational amplifier. Each channel
For the circuit of Figure 28, the total effective load
is internally compensated to provide unity gain
will be 100
Ω || 804Ω. Two optional components are
stability. The OPA2652 voltage feedback architecture
included in Figure 28.
features true differential and fully symmetrical inputs.
This architecture minimizes offset errors, making the
An additional resistor (174
Ω) is included in series
OPA2652 well-suited for implementing filter and
with the noninverting input. Combined with the 25
instrumentation designs. As a
dual
operational
DC source resistance looking back towards the
amplifier, OPA2652 is an ideal choice for designs
signal generator, this additional resistor gives an
that require multiple channels where reduction of
input bias current cancelling resistance that matches
board space, power dissipation and cost are critical.
the 201
Ω source resistance seen at the inverting
Its AC performance is optimized to provide a gain
input (see the DC Accuracy and Offset Control
bandwidth product of 200MHz and a fast rise time of
section). In addition to the usual power-supply
2.0ns,
which
is
an
important
consideration
in
decoupling capacitors to ground, a 0.1
µF capacitor is
high-speed data conversion applications. The low
included between the two power-supply pins. In
DC input offset of
±1.5mV and drift of ±5µV/°C
practical printed circuit board (PCB) layouts, this
support high accuracy requirements. In applications
optional-added
capacitor
typically
improves
the
requiring a higher slew rate and wider bandwidth,
2nd-harmonic distortion performance by 3dB to 6dB.
such
as
video
and
high
bit
rate
digital
Figure 29 shows the DC-coupled, gain of –1, bipolar
communications, consider the dual current feedback
supply circuit configuration that is the basis of the
OPA2694, or the OPA2691.
specifications and typical characteristics at G = –1.
Figure 28 shows the DC-coupled, gain of +2, dual
The input impedance matching resistor (57.6
Ω) used
power-supply circuit configuration used as the basis
for testing gives a 50
Ω input load. A resistor (205Ω)
of the
±5V specifications and typical characteristics.
connects the noninverting input to ground. This
This configuration is for one channel. The other
configuration provides the DC source resistance
channel is connected similarly. For test purposes, the
matching to cancel outputs errors arising from input
input impedance is set to 50
Ω with a resistor to
bias current.
ground and the output impedance is set to 50
Ω with
a series output resistor.
Figure 29. DC-Coupled, G = –1, Bipolar Supply,
Specification and Test Circuit
Figure 28. DC-Coupled, G = +2, Bipolar Supply,
Specification and Test Circuit
10
Submit Documentation Feedback


Similar Part No. - OPA2652E3KG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2652E3KG4 NSC-OPA2652E3KG4 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652E3KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com