Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL016A0LMFI003 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL016A0LMFI003
Description  16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LMFI003 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL016A0LMFI003 Datasheet HTML 6Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 7Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 8Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 9Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 10Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 11Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 12Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 13Page - SPANSION S25FL016A0LMFI003 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
S25FL016A
S25FL016A_00_C3 January 7, 2008
Da ta
Sh e e t
5.
Ordering Information
The ordering part number is formed by a valid combination of the following:
5.1
Valid Combinations
Table 5.1 lists the valid combinations configurations planned to be supported in volume for this device.
Notes
1. Contact your local sales office for availability.
2. Package marking omits leading “S25” and speed, package, and model number form.
3. A for standard package (non-Pb free); F for Pb-free package.
S25FL
016
A
0L
M
A
I
00
1
PACKING TYPE (Note 1)
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
MODEL NUMBER (Additional Ordering Options)
01
=
8-pin SO package
00
=
16-pin SO / 8-contact WSON package
TEMPERATURE RANGE
I
=
Industrial (–40°C to + 85°C)
PACKAGE MATERIALS
A
=
Standard
F
=
Lead (Pb)-free
PACKAGE TYPE
M
=
8-pin / 16-pin SO package
N
=
8-contact WSON Package
SPEED
0L
=
50 MHz
DEVICE TECHNOLOGY
A
=
0.20 µm MirrorBit
® Process Technology
DENSITY
016 =
16 Mbit
DEVICE FAMILY
S25FL
Spansion
® Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
Table 5.1 S25FL016A Valid Combinations Table
S25FL016A Valid Combinations
Package Marking
(Note 2)
Base Ordering
Part Number
Speed Option
Package &
Temperature
Model
Number
Packing Type
S25FL016A
0L
MAI, MFI
00, 01
0, 1, 3 (Note 1)
FL016A + (Temp) +
(Note 3)
NAI, NFI
00
0, 1, 3 (Note 1)


Similar Part No. - S25FL016A0LMFI003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL016A0LMFI003 SPANSION-S25FL016A0LMFI003 Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL016A0LMFI003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com