Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD3082E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD3082E
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD3082E Datasheet(HTML) 2 Page - Texas Instruments

  SN75HVD3082E Datasheet HTML 1Page - Texas Instruments SN75HVD3082E Datasheet HTML 2Page - Texas Instruments SN75HVD3082E Datasheet HTML 3Page - Texas Instruments SN75HVD3082E Datasheet HTML 4Page - Texas Instruments SN75HVD3082E Datasheet HTML 5Page - Texas Instruments SN75HVD3082E Datasheet HTML 6Page - Texas Instruments SN75HVD3082E Datasheet HTML 7Page - Texas Instruments SN75HVD3082E Datasheet HTML 8Page - Texas Instruments SN75HVD3082E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1) (2)
UNITS
Supply voltage range, VCC
−0.5 V to 7 V
Voltage range at A or B
−9 V to 14 V
Voltage range at any logic pin
−0.3 V to VCC + 0.3 V
Receiver output current
−24 mA to 24 mA
Voltage input range, transient pulse, A and B, through 100
Ω (see Figure 13)
−50 V to 50 V
Junction temperature, TJ
170
°C
Continuous total power dissipation
Refer to Package Dissipation Table
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
PACKAGE DISSIPATION RATINGS
PACKAGE
JEDEC BOARD MODEL
TA <25°C
POWER RATING
DERATING FACTOR(3)
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
Low k(1)
507 mW
4.82 mW/
°C
289 mW
217 mW
D
High k(2)
824 mW
7.85 mW/
°C
471 mW
353 mW
P
Low k(1)
686 mW
6.53 mW/
°C
392 mW
294 mW
DGK
Low k(1)
394 mW
3.76 mW/
°C
255 mW
169 mW
DGK
High k(2)
583 mW
5.55 mW/
°C
333 mW
250 mW
(1) In accordance with the low-k thermal metric definitions of EIA/JESD51-3
(2) In accordance with the high-k thermal metric definitions of EIA/JESDS1-7
(3) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.


Similar Part No. - SN75HVD3082E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082E TI-SN75HVD3082E Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082E TI1-SN75HVD3082E Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082E TI1-SN75HVD3082E Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082E TI-SN75HVD3082E Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN75HVD3082ED TI-SN75HVD3082ED Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com