Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC16-4020F-N0012 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEC16-4020F-N0012
Description  16 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC16-4020F-N0012 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEC16-4020F-N0012 Datasheet HTML 1Page - Bourns Electronic Solutions PEC16-4020F-N0012 Datasheet HTML 2Page - Bourns Electronic Solutions PEC16-4020F-N0012 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC16 - 4 0 20 F - S 0012
Model
Terminal Configuration
2 = PC Pin Vertical/Down Facing
4 = PC Horizontal/Rear Facing
Detent Option
0 = No Detents
1 = 12 Detents* (available with 12 pulses only)
2 = 24 Detents (available with 12 or 24 pulses)
Standard Shaft Length
15 = 15 mm
20 = 20.0 mm
25 = 25.0 mm*
30 = 30.0 mm*
Shaft Style
F = Insulated Flatted Shaft
Switch Configuration
S = Push Momentary Switch
N = No Switch
Resolution
0012 = 12 Pulses per 360 ° Rotation
0024 = 24 Pulses per 360 ° Rotation
* Not available with switch
How to Order
PEC16 - 16 mm Incremental Encoder
Features
Compact design, long life and high
reliability
Low cost compared to optical type
encoders
Available in a wide variety of configura-
tions to meet many user requirements
Applications
Level control, tuning and timer settings in:
Audio-visual equipment
Consumer electric appliances
Radios
Musical instrumentation
Communications equipment
Electrical Characteristics
Output ................................................................................................................................................................................................................2-bit gray code
Closed Circuit Resistance ..............................................................................................................................................................................3 ohms maximum
Contact Rating ....................................................................................................................................................................................................1 mA @ 5 VDC
Insulation Resistance ............................................................................................................................................................................10 megohms @ 50 VDC
Dielectric Withstanding Voltage
Sea Level ....................................................................................................................................................................................................50 VAC minimum
Electrical Travel ........................................................................................................................................................................................................Continuous
Contact Bounce (15 RPM) ..............................................................................................................................................................................5.0 ms. maximum
RPM (Operating) ..................................................................................................................................................................................................100 maximum
Environmental Characteristics
Operating Temperature Range ..........................................................................................................................................-30 °C to +70 °C (-22 °F to +158 °F)
Storage Temperature Range ............................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F)
Humidity....................................................................................................................................................................MIL-STD-202, Method 103B, Condition B
Vibration ..............................................................................................................................................................................................................................30 G
Contact Bounce ..................................................................................................................................................10~55~10 Hz / 1 min. / Amplitude 1.5 mm
Shock ................................................................................................................................................................................................................................100 G
Rotational Life......................................................................................................................................................................................100,000 cycles minimum
Switch Life ............................................................................................................................................................................................20,000 cycles minimum
IP Rating ..............................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 ° continuous
Torque
Running ......................................................................................................................................................................30.6 to 204 g-cm (0.42 to 2.83 oz.-in)
Mounting ........................................................................................................................................................................10.2 kgf. cm (8.83 lb.-in.) maximum
Shaft Side Load (Static) ..................................................................................................................................................................3.06 kgf (6.7 lbs.) minimum
Weight ................................................................................................................................................................................................8 gm (0.28 oz.) maximum
Terminals ....................................................................................................................................................................................Printed circuit board terminals
Terminals ....................................................................................................................................................................................Printed circuit board terminals
Soldering Condition
Wave Soldering........................................................................................Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 3-5 seconds
Hand Soldering ....................................................................................................................................................................................Not recommended
Hardware ........................................................................................................................One flat washer and one mounting nut supplied with each encoder.
Switch Characteristics
Switch Type ......................................................................................................................................................................Contact Push ON Momentary SPST
Power Rating (Resistive Load) ........................................................................................................................................................................10 mA at 5 V DC
Switch Travel....................................................................................................................................................................................................0.5 +0.4/-0.3 mm
Switch Actuation Force ..................................................................................................................................................360 +153/-102 gf (5 +2.1/-1.4 oz.-in.)
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal


Similar Part No. - PEC16-4020F-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC16-4020F-N0012 BOURNS-PEC16-4020F-N0012 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results

Similar Description - PEC16-4020F-N0012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com