Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3088EDGKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3088EDGKR
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3088EDGKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD3088EDGKR Datasheet HTML 3Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 4Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 5Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 6Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 7Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 8Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 9Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 10Page - Texas Instruments SN65HVD3088EDGKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
7
50
CL = 50 pF
Signal
Generator
DE
D
0 V or 3 V
3 V if Testing A Output
0 V if Testing B Output
A
B
RL = 110 Ω
Output
S1
tPZH
tPHZ
0.5 V
DE
Output
1.5 V
1.5 V
2.5 V
3 V
0 V
VOH
VOff 0
Figure 5. Driver Enable/Disable Test Circuit and Waveforms, High Output
50
CL = 50 pF
Signal
Generator
DE
D
0 V or 3 V
0 V if Testing A Output
3 V if Testing B Output
RL = 110 Ω
Output
S1
tPZL
tPLZ
0.5 V
DE
Output
1.5 V
1.5 V
2.5 V
3 V
0 V
5 V
VOL
5 V
A
B
Figure 6. Driver Enable/Disable Test Circuit and Waveforms, Low Output
Voltage
Source
IOS
VO
Figure 7. Driver Short-Circuit Test
IO
VO
VID
Figure 8. Receiver Parameter Definitions
50
Signal
Generator
CL = 15 pF
50
Signal
Generator
A
VID
B
R
IO
VO
50%
90%
10%
1.5 V
0 V
VOH
VOL
tPLH
tPHL
tr
tf
Input B
Input A
Output
1.5 V
Figure 9. Receiver Switching Test Circuit and Waveforms


Similar Part No. - SN65HVD3088EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3088EDGKR TI-SN65HVD3088EDGKR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3088EDGKR TI1-SN65HVD3088EDGKR Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3088EDGKR TI1-SN65HVD3088EDGKR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3088EDGKR TI-SN65HVD3088EDGKR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN65HVD3088EDGKRG4 TI-SN65HVD3088EDGKRG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3088EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com