Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD3082EDG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD3082EDG4
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD3082EDG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75HVD3082EDG4 Datasheet HTML 1Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 2Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 3Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 4Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 5Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 6Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS(1)
MIN
TYP
MAX
UNIT
Supply voltage, VCC
4.5
5.5
V
Input voltage at any bus terminal (separately or common mode), VI
−7
12
V
High-level input voltage (D, DE, or RE inputs), VIH
2
VCC
V
Low-level input voltage (D, DE, or RE inputs), VIL
0
0.8
V
Differential input voltage, VID
−12
12
V
Output current, IO
Driver
−60
60
mA
Output current, IO
Receiver
−8
8
mA
Differential load resistance, RL
54
60
SN65HVD3082E, SN75HVD3082E
0.2
Signaling rate, 1/tUI
SN65HVD3085E
1
Mbps
Signaling rate, 1/tUI
SN65HVD3088E
20
Mbps
Operating free−air temperature, TA
SN65HVD3082E, SN65HVD3085E, SN65HVD3088E
−40
85
°C
Operating free−air temperature, TA
SN75HVD3082E
0
70
°C
Junction temperature, TJ(2)
−40
130
°C
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
(2) See thermal characteristics table for information on maintenance of this specification for the DGK package.
SUPPLY CURRENT
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver and receiver enabled
D at VCC or open, DE at VCC, RE at 0 V, No load
425
900
µA
ICC
Driver enabled, receiver disabled
D at VCC or open, DE at VCC, RE at VCC, No load
330
600
µA
ICC
Receiver enabled, driver disabled
D at VCC or open, DE at 0 V, RE at 0 V, No load
300
600
µA
Driver and receiver disabled
D at VCC or open, DE at 0 V, RE at VCC
0.001
2
µA
(1) All typical values are at 25°C and with a 5-V supply.
ELECTROSTATIC DISCHARGE PROTECTION
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Human body model
Bus terminals and GND
±15
kV
Human body model(2)
All pins
±4
kV
Charged-device-model(3)
All pins
±1
kV
(1) All typical values at 25°C
(2) Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(3) Tested in accordance with JEDEC Standard 22, Test Method C101.


Similar Part No. - SN75HVD3082EDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDG4 TI-SN75HVD3082EDG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDG4 TI1-SN75HVD3082EDG4 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082EDG4 TI1-SN75HVD3082EDG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN75HVD3082EDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com