Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHS2377LM6E Datasheet(PDF) 6 Page - STMicroelectronics

Part # STHS2377LM6E
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2377LM6E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STHS2377LM6E Datasheet HTML 2Page - STMicroelectronics STHS2377LM6E Datasheet HTML 3Page - STMicroelectronics STHS2377LM6E Datasheet HTML 4Page - STMicroelectronics STHS2377LM6E Datasheet HTML 5Page - STMicroelectronics STHS2377LM6E Datasheet HTML 6Page - STMicroelectronics STHS2377LM6E Datasheet HTML 7Page - STMicroelectronics STHS2377LM6E Datasheet HTML 8Page - STMicroelectronics STHS2377LM6E Datasheet HTML 9Page - STMicroelectronics STHS2377LM6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Summary description
STHS237x
6/20
Figure 1.
Logic diagram
1.
STHS2376A/L devices only.
1.
STHS2376A/L devices only, for other part types No Connect.
Figure 2.
STHS2375A/L, STHS2377A/L pin connections (top view)
Figure 3.
STHS2376A/L pin connections (top view)
Table 2.
Signal names
Pin
Symbol
Description
1ILIM
Inrush Current Limit resistor
2
CLASS
Classification resistor
3
DET
Powered Device Detection resistor
4VSS
Ground on the input side; return power line to PSE
5
RTN
Return power output, negative rail
6
PG
Power Good Output, open drain, active-high (referenced to RTN)
7UVLO (1)
Programmable Undervoltage Lockout input pin
8VDD
Positive Power Supply; common input/output power rail
AI12241
VDD
STHS2375A/L
STHS2376A/L
STHS2377A/L
VSS
UVLO(1)
ILIM
CLASS
RTN
DET
PG
ILIM
CLASS
DET
VSS
VDD
NC
RTN
AI12238
PG
1
2
3
4
8
7
6
5
ILIM
CLASS
DET
VSS
VDD
UVLO
RTN
AI12239
PG
1
2
3
4
8
7
6
5


Similar Part No. - STHS2377LM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257A1 STMICROELECTRONICS-STHS4257A1 Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257L STMICROELECTRONICS-STHS4257L Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
STHS4257L1 STMICROELECTRONICS-STHS4257L1 Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
More results

Similar Description - STHS2377LM6E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
   13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com