Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-M552RD Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BT-M552RD
Description  14.20 mm (0.56) high three digit seven segments display.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BT-M552RD Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BT-M552RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BT-M552RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BT-M552RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BT
T--M
M5
55
52
2R
RD
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
80
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.1
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
3.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
568
-
nm
Dominant Wave Length
λ
d
IF=10mA
569
-
574
nm
Spectral Line Half-width
∆λ
IF=10mA
-
30
-
nm


Similar Part No. - BT-M552RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-M552RD ETC1-BT-M552RD Datasheet
129Kb / 1P
   THREE DIGIT LED DISPLAY
More results

Similar Description - BT-M552RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N55DRD BRIGHT-BT-N55DRD Datasheet
208Kb / 3P
   14.20 mm (0.56) high three digit seven segments display.
BT-M554RD BRIGHT-BT-M554RD Datasheet
141Kb / 3P
   14.20 mm (0.56) high three digit seven segments display.
BT-M556RD BRIGHT-BT-M556RD Datasheet
180Kb / 3P
   14.20 mm (0.56) high three digit seven segments display.
BT-N554RD BRIGHT-BT-N554RD Datasheet
256Kb / 3P
   14.20 mm (0.56) high three digit seven segments display.
BT-M55DRD BRIGHT-BT-M55DRD Datasheet
201Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M515RD BRIGHT-BT-M515RD Datasheet
259Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A513RD BRIGHT-BT-A513RD Datasheet
274Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-M555RD BRIGHT-BT-M555RD Datasheet
195Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-N556RD BRIGHT-BT-N556RD Datasheet
207Kb / 3P
   14.20mm(0.56) high three digit seven segments display
BT-A554RD BRIGHT-BT-A554RD Datasheet
299Kb / 3P
   14.20mm(0.56) high three digit seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com