Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3150U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3150U
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3150U Datasheet HTML 1Page - STMicroelectronics STPS3150U Datasheet HTML 2Page - STMicroelectronics STPS3150U Datasheet HTML 3Page - STMicroelectronics STPS3150U Datasheet HTML 4Page - STMicroelectronics STPS3150U Datasheet HTML 5Page - STMicroelectronics STPS3150U Datasheet HTML 6Page - STMicroelectronics STPS3150U Datasheet HTML 7Page - STMicroelectronics STPS3150U Datasheet HTML 8Page - STMicroelectronics STPS3150U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2007
Rev 4
1/10
10
STPS3150
Power Schottky rectifier
Main product characteristics
Features and benefits
Negligible switching losses
Low forward voltage drop for higher efficiency
and extented battery life
Low thermal resistance
Description
150 V Power Schottky rectifier are suited for
switch mode power supplies on up to 24 V rails
and high frequency converters.
Packaged in Axial, SMB, and low-profile SMB, this
device is intended for use in consumer and
computer applications like TV, STB, PC and DVD
where low drop forward voltage is required to
reduce power dissipation.
Order Codes
IF(AV)
3 A
VRRM
150 V
Tj (max)
175° C
VF (max)
0.67 V
Part Number
Marking
STPS3150U
G315
STPS3150
STPS3150
STPS3150RL
STPS3150
STPS3150UF
FG315
K
A
K
A
K
A
SMB
STPS3150U
DO-201AD
STPS3150
SMB flat
STPS3150UF
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(AV)
Average forward current
SMB
TL = 130° C δ = 0.5
3
A
DO-201AD
TL = 140° C δ = 0.5
SMB flat
TL = 150° C δ = 0.5
IFSM
Surge non repetitive forward current
SMB
tp = 10 ms sinusoidal
100
A
DO-201AD
150
SMB flat
100
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
° C
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
www.st.com


Similar Part No. - STPS3150U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150U STMICROELECTRONICS-STPS3150U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS3150U STMICROELECTRONICS-STPS3150U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
More results

Similar Description - STPS3150U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com