Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH12S06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH12S06
Description  Turbo 2 ultrafast high voltage rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12S06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH12S06 Datasheet HTML 1Page - STMicroelectronics STTH12S06 Datasheet HTML 2Page - STMicroelectronics STTH12S06 Datasheet HTML 3Page - STMicroelectronics STTH12S06 Datasheet HTML 4Page - STMicroelectronics STTH12S06 Datasheet HTML 5Page - STMicroelectronics STTH12S06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STTH12S06
Characteristics
3/6
Figure 3.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
Single pulse
tp(s)
0
1
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
I
RM(A)
IF = 12 A
VR=400V
Tj=125°C
Tj=25°C
dIF/dt(A/µs)
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
550
600
t
RR(ns)
IF = 12 A
VR=400V
Tj=125°C
Tj=25°C
dIF/dt(A/µs)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
10
100
1000
Q
RR(nC)
IF = 12 A
VR=400V
Tj=125°C
Tj=25°C
dIF/dt(A/µs)
C(pF)
10
100
1
10
100
1000
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)


Similar Part No. - STTH12S06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12002TV STMICROELECTRONICS-STTH12002TV Datasheet
90Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
   HIGH FREQUENCY SECONDARY RECTIFIER
STTH12003TV1 STMICROELECTRONICS-STTH12003TV1 Datasheet
57Kb / 5P
   HIGH FREQUENCY SECONDARY RECTIFIER
STTH12004TV1 STMICROELECTRONICS-STTH12004TV1 Datasheet
134Kb / 6P
   Ultrafast high voltage rectifier
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
   Ultrafast recovery - high voltage diode
More results

Similar Description - STTH12S06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com