Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2208A Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK2208A
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2208A Datasheet(HTML) 5 Page - Texas Instruments

  TLK2208A Datasheet HTML 1Page - Texas Instruments TLK2208A Datasheet HTML 2Page - Texas Instruments TLK2208A Datasheet HTML 3Page - Texas Instruments TLK2208A Datasheet HTML 4Page - Texas Instruments TLK2208A Datasheet HTML 5Page - Texas Instruments TLK2208A Datasheet HTML 6Page - Texas Instruments TLK2208A Datasheet HTML 7Page - Texas Instruments TLK2208A Datasheet HTML 8Page - Texas Instruments TLK2208A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TLK2208A
8PORT GIGABIT ETHERNET TRANSCEIVER
5
WWW.TI.COM
Signal Terminal Description
Serial I/O Signals
SIGNAL
LOCATION
TYPE
DESCRIPTION
TX[A:H]+
TX[A:H]–
H16:A16
H15:A15
VML
output
Differential output transmit. TX[A:H]+ and TX[A:H]– are differential serial outputs that interface to a
copper or an optical I/F module.
TX[A:H]+ and TX[A:H]– are put in a high-impedance state when LPBK = high or when the LOOPBACK
bit for a particular channel in the MDIO registers is set.
RX[A:H]+
RX[A:H]–
U16:K16
U15:K15
PECL-
compatible
input
Differential input receive. RX[A:H]+ and RX[A:H]– together are the differential serial input interface
from a copper or an optical I/F module. Differential resistive termination is built-in for these terminals.
Transmit Data Bus and Clock Signals
SIGNAL
LOCATION
TYPE
DESCRIPTION
REFCLK
C12
LVCMOS
input
Reference clock. REFCLK is an external input clock that provides the clock reference for
synchronizing the receiver and transmitter interfaces.
REFCLK is supposed to run from 100 MHz up to 130 MHz for 1 Gbps up to 1.3 Gbps operation of the
serial interface.
TCLKB
E3
LVCMOS
input with
P/U
Transmit data clock. When in synchronized channel modes, the data on TDBA[9:0], TDDC[9:0],
TDFE[9:0] and TDHG[9:0] is latched on both the rising and falling edges of TCLKB.
When in independent channel modes, TCLKB latches TDBA[9:0] data on both its rising and falling
edges.
TCKD,
TCKF,
TCKH
C4,
C5,
C6
LVCMOS
input with
P/U
Transmit data clock channels C and D, E and F, G and H. When in independent channel mode, these
terminals are used to latch data for their perspective channels on both the rising and falling edges.
TCKD applies to channels C and D, TCKF applies to channels E and F, and TCKH applies to channels
G and H.
TDBA[7:0]
G2, G1, F2,
F1, E2, E1,
D2, D1
LVCMOS
input
Transmit data channels A and B. The parallel data is clocked into the transceiver on the rising and
falling edges of TCLKB and transmitted as a serial stream with TDBA0 sent as the first bit.
In multiplexed channel mode, data for channel B is aligned to the rising edge of TCLKB and data for
channel A is aligned to the falling edge of TCLKB.
In nibble interface mode, data is input least-significant nibble first, aligned to the falling edge of TCLKB,
followed by the most-significant nibble aligned to the rising edge. When CODE = high, TDBA3 acts
as the K-character indicator for channel A.
TDBA8
H2
LVCMOS
input
Transmit data, K-generator channels A and B. In multiplexed channel mode, when CODE = low, this
terminal is the 9th bit of a 10-bit word to be transmitted. When CODE = high, this terminal acts as the
K-character indicator. When TDBA8 = high, the data on TDBA[7:0] is encoded into a K-character.
In nibble interface mode, when CODE = low, this terminal is the 4th and 9th bits of a 10-bit word to be
transmitted on channel B. When CODE = high, this terminal acts as the K-character indicator for
channel B. Data is latched on the rising and falling edges of TCLKB.
TDBA9
H1
LVCMOS
input with
P/D
Transmit data channels A and B. When CODE = low, this terminal is the 10th bit of a 10-bit word. When
CODE = high, this terminal should be left floating or tied low to ground.
Data is latched on the rising and falling edges of TCLKB.
TDDC[7:0]
D3, C3, B2,
A2, A1, B1,
C2, C1
LVCMOS
input
Transmit data channels C and D. The parallel data is clocked into the transceiver on the rising and
falling edges of the transmit clock and transmitted as a serial stream with bit 0 sent as the first bit.
In independent channel mode, the transmit clock that latches this input is TCLKD. In all other modes,
the transmit clock is TCLKB.
In multiplexed channel mode, data for channel D is aligned to the rising edge of the transmit clock and
data for channel C is aligned to its falling edge.
In nibble interface mode, data is input least-significant nibble first, aligned to the falling edge of the
transmit clock, followed by the most-significant nibble aligned to the rising edge of the transmit clock.
Channel C data is input on TDDC[4:0] and channel D on TDDC[9:5]. When CODE = high, TDDC3 acts
as the K-character indicator for channel C.


Similar Part No. - TLK2208A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208 Datasheet
621Kb / 42P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208B TI-TLK2208B Datasheet
540Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANCSEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208GPV TI1-TLK2208GPV Datasheet
621Kb / 42P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - TLK2208A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2218 TI-TLK2218 Datasheet
744Kb / 39P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI-TLK2226 Datasheet
521Kb / 49P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
Texas Instruments
TLK2208B TI-TLK2208B Datasheet
540Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANCSEIVER
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com