Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TU800
Description  8 AMP Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TU800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TU800 Datasheet HTML 1Page - List of Unclassifed Manufacturers TU800 Datasheet HTML 2Page - List of Unclassifed Manufacturers TU800 Datasheet HTML 3Page - List of Unclassifed Manufacturers TU800 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8 AMP Single-Phase Bridge Rectifier
TU800 – TU810
Rating and characteristic curves
Number of Cycles at 60Hz
Fig.2-Max Peak Forward Surge Current
Case Temperature °C
Fig.1- Forward Current Derating Curve
Rated Percent of Peak Reverse Voltage (%)
Fig.4-Typical Reverse Characteristics
VF, Instantaneous fwd Voltage (V)
Fig.3- Typical Forward Characteristics per element
Rev. B/WW
www.taitroncomponents.com
Page 2 of 4


Similar Part No. - TU800

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU800 TAITRON-TU800 Datasheet
201Kb / 4P
   8A Bridge Rectifiers
TU800G TAITRON-TU800G Datasheet
194Kb / 4P
   8A Glass Passivated Bridge Rectifier
More results

Similar Description - TU800

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5313 NTE-NTE5313 Datasheet
20Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
NTE5312 NTE-NTE5312 Datasheet
16Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
NTE5315 NTE-NTE5315 Datasheet
19Kb / 2P
   Single Phase Bridge Rectifier 8 Amp
logo
Shanghai Lunsure Electr...
BR805 CHENYI-BR805 Datasheet
97Kb / 2P
   8 amp single phase bridge rectifier 50to1000volts
logo
NTE Electronics
NTE166 NTE-NTE166 Datasheet
18Kb / 2P
   Single Phase Bridge Rectifier 2.0 Amp
NTE5318 NTE-NTE5318 Datasheet
16Kb / 2P
   Single Phase Bridge Rectifier 4 Amp
NTE5329 NTE-NTE5329 Datasheet
17Kb / 2P
   Single Phase Bridge Rectifier 6 Amp
NTE5309 NTE-NTE5309 Datasheet
16Kb / 2P
   Single Phase Bridge Rectifier 4 Amp
logo
Kwang Myoung I.S. CO.,L...
KBU801 KISEMICONDUCTOR-KBU801 Datasheet
733Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB805 MCC-MB805_08 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com