Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8500 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # VCA8500
Description  8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8500 Datasheet(HTML) 4 Page - Texas Instruments

  VCA8500 Datasheet HTML 1Page - Texas Instruments VCA8500 Datasheet HTML 2Page - Texas Instruments VCA8500 Datasheet HTML 3Page - Texas Instruments VCA8500 Datasheet HTML 4Page - Texas Instruments VCA8500 Datasheet HTML 5Page - Texas Instruments VCA8500 Datasheet HTML 6Page - Texas Instruments VCA8500 Datasheet HTML 7Page - Texas Instruments VCA8500 Datasheet HTML 8Page - Texas Instruments VCA8500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
VCA8500
SBOS390 – JANUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD2 = 5.0V, AVDD1 = DVDD = 3.3V; single-ended, ac-coupled (≤ 1µF) input configuration to the preamp
(LNA), fIN = 5MHz, VCNTL = 1.0V, VCA output is 2VPP differential, RLOAD = 1kΩ on each output to ground, unless otherwise noted.
VCA8500
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
CW SIGNAL PATH
Output transconductance (V/I)
15
mA/V
IOUT-CW
Dynamic CW output current
Signal current
2.4 (±1.2)
mAPP
IOUT-DC
Static CW output current
0.9
mA
VCMO
Output common-mode voltage
2.5
VDC
VCout
Output compliance range
Symmetric around VCMO
TBD
±0.5
TBD
V
COUT
Output capacitance
< 10
pF
ZOUT
Output impedance
50
k
HD2
TBD
dBc
THDCW
Harmonic distortion
HD3
TBD
dBc
eN, RTI
Input voltage noise, CW mode
At f = 2MHz
1.1
nV/
√Hz
At 2kHz offset from
Signal-dependent noise (RTO)
+2
dB
2MHz CW carrier
At 2kHz offset from
+2
dB
5MHz CW carrier
Summing of eight channels
Output noise correlation factor
0.6
dB
[compared to ideal 0dB (SNR)]
FILTER
LPF
Low-pass filter (second-order)
–3dB point, VCNTL = 1.2V
10
MHz
Tolerance
±10
±15
%
Group delay (variation)
TBD
ns
Gain flatness
–1dB point
TBD
MHz
HPF
High-pass filter (first-order, due to
–3dB point, VCNTL = 1.2V
150
kHz
internal ac coupling)
ACCURACY
Gain error (VCA)(3)
VCNTL = 0V to 1.2V
±0.25
±0.5
dB
Gain range
VCNTL = 0V to 1.2V
TBD
45
TBD
dB
Gain slope
VCNTL = 0V to 1.2V
37.5
dB/V
Gain matching, channel-to-channel
VCNTL = 0V to 1.2V
±0.5
±1.5
dB
20, 25, 27,
Gain, PGA
Selectable through SDI
dB
30
VOS
Output offset voltage
tab
Differential
–25
±5
+25
mV
tab
Common-mode
–50
±25
+50
mV
GAIN CONTROL INTERFACE
VCNTL
Input voltage range
Gain range = 45dB
0 to 1.2
V
Input resistance
25
k
Response time
0.75
µs
VCNTL= 0V to 1.2V step;
Gain control bandwidth
1.5
MHz
to 90% Signal Level
DIGITAL INPUTS (SDI)(4)(5)
(PD, DIN, DOUT, CLK, RST)
VIH
VIH, High-level input voltage
2.0
VD
V
VIL
VIL, Low-level input voltage
0
0.8
V
IIN
Input current
±10
µA
fCLK
Clock frequency
10k
20M
Hz
Input resistance
1
M
Input capacitance
5
pF
(3)
Compared to a standard curve. This is also Gain Error vs VCONTROL.
(4)
Parameters ensured by design; not production tested.
(5)
Internal pull-up/pull-down resistors.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): VCA8500


Similar Part No. - VCA8500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500 TI-VCA8500 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCR TI-VCA8500IRGCR Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCRG4 TI-VCA8500IRGCRG4 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCT TI-VCA8500IRGCT Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCTG4 TI-VCA8500IRGCTG4 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
More results

Similar Description - VCA8500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com