Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8500IRGCR Datasheet(PDF) 6 Page - Texas Instruments

Part # VCA8500IRGCR
Description  8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA8500IRGCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button VCA8500IRGCR Datasheet HTML 2Page - Texas Instruments VCA8500IRGCR Datasheet HTML 3Page - Texas Instruments VCA8500IRGCR Datasheet HTML 4Page - Texas Instruments VCA8500IRGCR Datasheet HTML 5Page - Texas Instruments VCA8500IRGCR Datasheet HTML 6Page - Texas Instruments VCA8500IRGCR Datasheet HTML 7Page - Texas Instruments VCA8500IRGCR Datasheet HTML 8Page - Texas Instruments VCA8500IRGCR Datasheet HTML 9Page - Texas Instruments VCA8500IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
DEVICE INFORMATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VBL5
IN5
AVDD1
VBL6
IN6
VBL7
IN7
VBL8
IN8
AVDD2
VB2
VB6
VB4
VREFH
VREFL
AVDD1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBL1
IN1
AVDD1
IN2
VBL2
VBL3
IN3
VBL4
IN4
V
CNTL
AVDD2
VB3
VB1
VB5
VCM
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
PowerPAD
TM
VCA8500
AVDD1
VCA8500
SBOS390 – JANUARY 2008
RGC PACKAGE
QFN-64
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
PIN NO.
NAME
I/O
DESCRIPTION
1
VBL1
Internal bias voltage; bypass with 0.1
µF (min)
2
IN1
I
LNA input channel 1
3
AVDD1
+3.3V analog supply
4
IN2
I
LNA input channel 2
5
VBL2
Internal bias voltage; bypass with 0.1
µF (min)
6
VBL3
Internal bias voltage; bypass with 0.1
µF (min)
7
IN3
I
LNA input channel 3
8
VBL4
Internal bias voltage; bypass with 0.1
µF (min)
9
IN4
LNA input channel 4
10
VCNTL
I
Attenuator control voltage input (all channels)
11
AVDD2
+5V Analog supply (VCA, CW)
12
VB3
Internal bias voltage; bypass with 0.1
µF (min)
13
VB1
Internal bias voltage; bypass with 2.2
µF (1.0µF min)
14
VB5
Internal bias voltage; bypass with 0.1
µF (min)
15
VCM
Internal common-mode voltage; bypass with 0.1
µF (min)
16
AVDD1
+3.3V analog supply
17
OUT4
O
PGA output channel 4 (inverted)
18
OUT4
O
PGA output channel 4
19
OUT3
O
PGA output channel 3 (inverted)
20
OUT3
O
PGA output channel 3
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): VCA8500


Similar Part No. - VCA8500IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500IRGCR TI-VCA8500IRGCR Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500IRGCRG4 TI-VCA8500IRGCRG4 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
More results

Similar Description - VCA8500IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Burr-Brown (TI)
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com