Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0101DCKRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TXS0101DCKRG4
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DCKRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TXS0101DCKRG4 Datasheet HTML 1Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 2Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 3Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 4Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 5Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 6Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 7Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 8Page - Texas Instruments TXS0101DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
Thermal Impedance Ratings
Recommended Operating Conditions
(1) (2)
TXS0101
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES638 – OCTOBER 2007
UNIT
DBV package
165
DCK package
259
θJA
Package thermal impedance(1)
°C/W
DRL package
142
YEP/YZP package
123
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
VCCA
VCCB
MIN
MAX
UNIT
VCCA
1.65
3.6
Supply voltage(3)
V
VCCB
2.3
5.5
1.65 V to 1.95 V
VCCI – 0.2
VCCI
A-port I/Os
2.3 V to 5.5 V
2.3 V to 3.6 V
VCCI – 0.4
VCCI
VIH
High-level input voltage
V
B-port I/Os
VCCI – 0.4
VCCI
1.65 V to 3.6 V
2.3 V to 5.5 V
OE input
VCCA × 0.65
5.5
A-port I/Os
0
0.15
VIL
Low-level input voltage
B-port I/Os
1.65 V to 3.6 V
2.3 V to 5.5 V
0
0.15
V
OE input
0
VCCA × 0.35
A-port I/Os,
10
push-pull driving
Input transition rise or fall
Δt/Δv
B-port I/Os,
1.65 V to 3.6 V
2.3 V to 5.5 V
ns/V
rate
10
push-pull driving
Control Input
10
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the supply associated with the input port.
(2)
VCCO is the supply associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TXS0101


Similar Part No. - TXS0101DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DCKRG4 TI-TXS0101DCKRG4 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKRG4 TI-TXS0101DCKRG4 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DCKRG4 TI1-TXS0101DCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
More results

Similar Description - TXS0101DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104E TI-TXS0104E Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101_08 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
   1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
logo
Texas Instruments
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E_101 TI-TXS0108E_101 Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com