Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWL-3A4A01H-H1 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BWL-3A4A01H-H1
Description  12VDC 4W AlInGaN White Low power consumption.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BWL-3A4A01H-H1 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BWL-3A4A01H-H1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H-H1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H-H1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H-H1 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BWL-3A4A01H-H1 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BW
WL
L--3
3A
A4
4A
A0
01
1H
H--H
H1
1
Ver.1.0 Page: 1 of 5
SINCE 1981
● Features:
1. Input Voltage: 12VDC.
2. Input power: 4W.
3. Chip material: AlInGaN.
4. Emitted color: White.
5. High lumen output.
6. High flux density.
7. Low power consumption.
8. Efficient heat transfer.
9. The emitting color meets SAE standard.
● Applications:
1. Light engine.
2. Torch.
3. Desk lamp.
4. General lighting.
● Package dimensions:
Black wire
Red wire
1.60
13.50
13.50
R2
+
-
27.50
7.50
1.20
44.51
Polarity
-
+
R2
R1
R1
D1
D2
D4
D3
Notes:
1. All dimensions are in millimeters.
2. Tolerance is ±0.5mm unless otherwise specified.


Similar Part No. - BWL-3A4A01H-H1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
More results

Similar Description - BWL-3A4A01H-H1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
BWL-2B1G01-H1 BRIGHT-BWL-2B1G01-H1 Datasheet
219Kb / 4P
   1W AlInGaN Green Low power consumption.
BWL-2B1B01-H1 BRIGHT-BWL-2B1B01-H1 Datasheet
773Kb / 4P
   1W AlInGaN Blue Low power consumption Efficient heat transfer.
logo
Elite Enterprises (H.K....
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
   4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com