Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE5108AJSE-8E-E Datasheet(PDF) 3 Page - Elpida Memory

Part # EDE5108AJSE-8E-E
Description  512M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AJSE-8E-E Datasheet(HTML) 3 Page - Elpida Memory

  EDE5108AJSE-8E-E Datasheet HTML 1Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 2Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 3Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 4Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 5Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 6Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 7Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 8Page - Elpida Memory EDE5108AJSE-8E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
EDE5104AJSE, EDE5108AJSE, EDE5116AJSE
Data Sheet E1043E40 (Ver. 4.0)
3
Pin Configurations
/xxx indicates active low signal.
A
B
C
D
E
F
G
H
J
K
L
VDD
1
VDDQ
VDD
VDDL
2
VSSQ
UDM
DQ14
DQ9
VSSQ
DQ12
NC
VREF
3
VSS
NC
VDDQ
DQ11
VSS
CKE
/WE
VSS
7
VSSQ
UDQS
VDDQ
DQ10
VSSQ
/RAS
8
/UDQS
VSSQ
DQ15
DQ8
VSSQ
DQ13
/LDQS
/CK
M
N
P
R
VDD
A12
NC
NC
NC
9
VDDQ
VDDQ
DQ6
DQ4
VSSQ
DQ1
VDDQ
VSSQ
LDM
VDDQ
DQ3
LDQS
VDDQ
VSSQ
DQ0
VDDQ
DQ2
VSSQ
DQ5
DQ7
VDDQ
VSSDL
CK
VDD
VSS
A10
A3
A7
A1
A5
A9
A2
A6
A11
A0
A4
A8
VDD
VSS
(Top view)
84-ball FBGA
BA0
BA1
/CAS
/CS
NC
ODT
(
×16 organization)
(
×4/×8 organization)
VDD
1
DQ6
(NC)*
VDDQ
DQ4
(NC)*
VDDL
VSS
VDD
2
NU/ /RDQS
(NC)*
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
3
VSS
DM/RDQS
(DM)*
VDDQ
DQ3
VSS
/WE
BA1
A1
A5
A9
NC
7
VSSQ
DQS
VDDQ
DQ2
VSSDL
/RAS
/CAS
A2
A6
A11
NC
8
/DQS
VSSQ
DQ0
VSSQ
CK
/CK
/CS
A0
A4
A8
A13
9
VDDQ
DQ7
(NC)*
VDDQ
DQ5
(NC)*
VDD
VDD
VSS
(Top view)
60-ball FBGA
Note: ( )* marked pins are for
×4 organization.
NC
ODT
A
B
C
D
E
F
G
H
J
K
L
Pin name
Function
Pin name
Function
A0 to A13
Address inputs
ODT
ODT control
BA0, BA1
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ15
Data input/output
VSS
Ground for internal circuit
DQS, /DQS
UDQS, /UDQS
LDQS, /LDQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
RDQS, /RDQS
Differential data strobe for read
VSSQ
Ground for DQ circuit
/CS
Chip select
VREF
Input reference voltage
/RAS, /CAS, /WE
Command input
VDDL
Supply voltage for DLL circuit
CKE
Clock enable
VSSDL
Ground for DLL circuit
CK, /CK
Differential clock input
NC*
1
No connection
DM
UDM, LDM
Write data mask
NU*
2
Not usable
Notes: 1. Not internally connected with die.
2. Don’t use other than reserved functions.


Similar Part No. - EDE5108AJSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-1J ELPIDA-EDE5108AJBG-1J Datasheet
783Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-1J-E ELPIDA-EDE5108AJBG-1J-E Datasheet
783Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5108AJSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com