Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11F1TM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11F1TM
Description  Photo FET Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F1TM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11F1TM Datasheet HTML 1Page - Fairchild Semiconductor H11F1TM Datasheet HTML 2Page - Fairchild Semiconductor H11F1TM Datasheet HTML 3Page - Fairchild Semiconductor H11F1TM Datasheet HTML 4Page - Fairchild Semiconductor H11F1TM Datasheet HTML 5Page - Fairchild Semiconductor H11F1TM Datasheet HTML 6Page - Fairchild Semiconductor H11F1TM Datasheet HTML 7Page - Fairchild Semiconductor H11F1TM Datasheet HTML 8Page - Fairchild Semiconductor H11F1TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11FXM Rev. 1.0.0
3
Electrical Characteristics (T
A = 25°C unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*All Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA
All
1.3
1.75
V
IR
Reverse Leakage Current
VR = 5V
All
10
µA
CJ
Capacitance
V = 0 V, f = 1.0 MHz
All
50
pF
OUTPUT DETECTOR
BV4-6
Breakdown Voltage
Either Polarity
I4-6 = 10µA, IF = 0
H11F1M, H11F2M
30
V
H11F3M
15
I4-6
Off-State Dark Current
V4-6 = 15 V, IF = 0
All
50
nA
V4-6 = 15 V, IF = 0,
TA = 100°C
All
50
µA
R4-6
Off-State Resistance
V4-6 = 15 V, IF = 0
All
300
M
C4-6
Capacitance
V4-6 = 15 V, IF = 0,
f = 1MHz
All
15
pF
Symbol
Characteristics
Test Conditions
Device
Min
Typ*
Max
Units
DC CHARACTERISTICS
R4-6
On-State Resistance
IF = 16mA,
I4-6 = 100µA
H11F1M
200
H11F2M
330
H11F3M
470
R6-4
On-State Resistance
IF = 16mA,
I6-4 = 100µA
H11F1M
200
H11F2M
330
H11F3M
470
Resistance, non-linearity
and assymetry
IF = 16mA,
I4-6 = 25µA RMS,
f = 1kHz
All
0.1
%
AC CHARACTERISTICS
ton
Turn-On Time
RL = 50Ω, IF = 16mA,
V4-6 = 5V
All
25
µS
toff
Turn-Off Time
RL = 50Ω, IF = 16mA,
V4-6 = 5V
All
25
µS
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.*
Max.
Units
VISO
Isolation Voltage
f = 60Hz, t = 1 sec.
All
7500
VACPEAK
RISO
Isolation Resistance
VI-O = 500 VDC
All
1011
CISO
Isolation Capacitance
f = 1MHz
All
0.2
pF


Similar Part No. - H11F1TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1TVM FAIRCHILD-H11F1TVM Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
ON Semiconductor
H11F1TVM ONSEMI-H11F1TVM Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results

Similar Description - H11F1TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F3SR2M FAIRCHILD-H11F3SR2M Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com