Part Name
         Description
KB3511

 High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter ( 14 Page)


KINGBOR
100% 
Zoom Out Zoom In
 6 page
background image
6
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
SIMPLIFIED BLOC DIAGRAM
OPERATION
1
2
9
10
8
3
4
11
5
+
+
+
+
EA
UVDET
OVDET
0.6V
7
0.65V
0.55V
+
0.35V
UV
OV
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
Trickle
ICOMP
IRCMP
ANTI
SHOOT-
THRU
Trickle
Clamp
SLOPE
COMP
EN
SLEEP
POR
COUNTER
0.6V REF
OSC,2.2MHz
OSC
REGULATOR 2 (IDENTICAL TO REGULATOR 1)
PGOOD1
PGOOD2
SHUTDOWN
VIN
VIN
VIN
6
REGULATOR 1
SW1
GND
POR
GND
SW2
5
MODE/SYNC
VFB1
RUN1
RUN2
VFB2
The KB3511 uses a constant frequency, current mode
architecture. The operating frequency is set at 2.2MHz and
can be synchronized to an external oscillator. Both chan-
nels share the same clock and run in-phase. To suit a
variety of applications, the selectable Mode pin allows the
user to trade-off noise for efficiency.
The output voltage is set by an external divider returned to
the VFB pins. An error amplfier compares the divided
output voltage with a reference voltage of 0.6V and adjusts
the peak inductor current accordingly. Overvoltage and
undervoltage comparators will pull the POR output low if
the output voltage is not within
±8.5%. The POR output
will go high after 262,144 clock cycles (about 120ms) of
achieving regulation.
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET) is turned on at the beginning of a clock cycle
when the VFB voltage is below the the reference voltage.
The current into the inductor and the load increases until
the current limit is reached. The switch turns off and
energy stored in the inductor flows through the bottom
switch (N-channel MOSFET) into the load until the next
clock cycle.
The peak inductor current is controlled by the internally
compensated ITH voltage, which is the output of the error
amplifier.This amplifier compares the VFB pin to the 0.6V
reference. When the load current increases, the VFB volt-
age decreases slightly below the reference. This
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT1147High Efficiency Low Noise Fast Transient 400mA Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
LTC1911-15Low Noise High Efficiency Inductorless Step-Down DC/DC Converter 1 2 3 4 5 MoreLinear Technology
RT8010B1.5MHz 800mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
AAT1110_06Fast Transient 800mA Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
RT9262HIGH EFFICIENCY LOW SUPPLY CURRENT STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreRichtek Technology Corporation
RT9262_07High Efficiency Low Supply Current Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT9263HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER 1 2 3 4 5 MoreRichtek Technology Corporation
LM36681A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
RT9263_07High Efficiency Low Supply Current Step-Up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LTC1174_06High Efficiency Step-Down and Inverting DC/DC Converter 1 2 3 4 5 MoreLinear Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl