Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29VE010A-150-4I-N Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST29VE010A-150-4I-N
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010A-150-4I-N Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST29VE010A-150-4I-N Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010A-150-4I-N Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
© 1999 Silicon Storage Technology, Inc.
303-01 2/99
1 Megabit Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FIGURE 2: PIN ASSIGNMENTS FOR 32-PIN PLASTIC DIPS AND 32-LEAD PLCCS
FIGURE 1: PIN ASSIGNMENTS FOR 32-PIN TSOP PACKAGES
TABLE 2: PIN DESCRIPTION
Symbol
Pin Name
Functions
A16-A7
Row Address Inputs
To provide memory addresses. Row addresses define a page for a
write cycle.
A6-A0
Column Address
Column Addresses are toggled to load page data.
Inputs
DQ7-DQ0
Data Input/output
To output data during read cycles and receive input data during write
cycles. Data is internally latched during a write cycle. The outputs are in
tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the write operations
Vcc
Power Supply
To provide 5-volt supply (± 10%) for the SST29EE010A, 3-volt supply
(3.0-3.6V) for the SST29LE010A and 2.7-volt supply (2.7-3.6V) for the
SST29VE010A
Vss
Ground
NC
No Connection
Unconnected pins.
303 PGM T2.0
A11
A9
A8
A13
A14
NC
WE#
VCC
NC
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
303 ILL F01.0
Standard Pinout
Top View
Die Up
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-Lead PLCC
Top View
32-Pin
PDIP
Top View
303 ILL F02.0
14
15
16
17 18
19
20
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE#
NC
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3


Similar Part No. - SST29VE010A-150-4I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010 SST-SST29VE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010 SST-SST29VE010 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29VE010 SST-SST29VE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29VE010 SST-SST29VE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-120-3C-E SST-SST29VE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29VE010A-150-4I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com