Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29LE010A-90-4I-N Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST29LE010A-90-4I-N
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010A-90-4I-N Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29LE010A-90-4I-N Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010A-90-4I-N Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© 1999 Silicon Storage Technology, Inc.
303-01 2/99
1 Megabit Page Mode EEPROM
SST29EE010A / SST29LE010A / SST29VE010A
FUNCTIONAL BLOCK DIAGRAM OF SST 29EE010A/29LE010A/29VE010A
303 PGM T1.1
TABLE 1: PRODUCT IDENTIFICATION TABLE
Byte
Data
Manufacturer’s Code
0000 H
BF H
SST29EE010A Device Code
0001 H
22 H
SST29LE010A Device Code
0001 H
23 H
SST29VE010A Device Code
0001 H
23 H
Product Identification
The product identification mode identifies the device as
the SST29EE010A/29LE010A/29VE010A and manu-
facturer as SST. This mode may be accessed by hard-
ware or software operations. The hardware operation is
typically used by a programmer to identify the correct
algorithm for the SST29EE010A/29LE010A/29VE010A.
Users may wish to use the software product identification
operation to identify the part (i.e. using the device code)
when using multiple manufacturers in the same socket.
For details, see Table 3 for hardware operation or Table
4 for software operation, Figure 9 for the software ID entry
and read timing diagram and Figure 16 for the ID entry
command sequence flowchart. The manufacturer and
device codes are the same for both operations.
Product Identification Mode Exit
In order to return to the standard read mode, the Soft-
ware Product Identification mode must be exited. Exiting
is accomplished by issuing the Software ID Exit (reset)
operation, which returns the device to the read operation.
The Reset operation may also be used to reset the
device to the read mode after an inadvertent transient
condition that apparently causes the device to behave
abnormally, e.g. not read correctly. See Table 4 for
software command codes, Figure 10 for timing wave-
form and Figure 16 for a flowchart.
Y-Decoder and Page Latches
I/O Buffers and Data Latches
303 ILL B1.0
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A16 - A0
WE#
OE#
CE#
1,048,576 Bit
EEPROM
Cell Array
Control Logic


Similar Part No. - SST29LE010A-90-4I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29LE010A-90-4I-N

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com