Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV255V Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYV255V
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV255V Datasheet(HTML) 5 Page - STMicroelectronics

  BYV255V Datasheet HTML 1Page - STMicroelectronics BYV255V Datasheet HTML 2Page - STMicroelectronics BYV255V Datasheet HTML 3Page - STMicroelectronics BYV255V Datasheet HTML 4Page - STMicroelectronics BYV255V Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BYV255V
5/5
n
Marking : Type number
n
Cooling method : C
n
Weight : 27 g
n
Epoxy meets UL94, V0
PACKAGE MECHANICAL DATA
ISOTOP
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
11.80
12.20
0.465
0.480
A1
8.90
9.10
0.350
0.358
B
7.8
8.20
0.307
0.323
C
0.75
0.85
0.030
0.033
C2
1.95
2.05
0.077
0.081
D
37.80
38.20
1.488
1.504
D1
31.50
31.70
1.240
1.248
E
25.15
25.50
0.990
1.004
E1
23.85
24.15
0.939
0.951
E2
24.80 typ.
0.976 typ.
G
14.90
15.10
0.587
0.594
G1
12.60
12.80
0.496
0.504
G2
3.50
4.30
0.138
0.169
F
4.10
4.30
0.161
0.169
F1
4.60
5.00
0.181
0.197
P
4.00
4.30
0.157
0.69
P1
4.00
4.40
0.157
0.173
S
30.10
30.30
1.185
1.193
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Similar Part No. - BYV255V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV25D-600 NXP-BYV25D-600 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
logo
WeEn Semiconductors
BYV25D-600 WEEN-BYV25D-600 Datasheet
265Kb / 10P
   Ultrafast power diode
logo
Inchange Semiconductor ...
BYV25D-600 ISC-BYV25D-600 Datasheet
276Kb / 2P
   Ultrafast Recovery Diode
logo
NXP Semiconductors
BYV25D-600 PHILIPS-BYV25D-600_15 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
logo
WeEn Semiconductors
BYV25F-600 WEEN-BYV25F-600 Datasheet
430Kb / 12P
   Enhanced ultrafast power diode
More results

Similar Description - BYV255V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW99W-200 STMICROELECTRONICS-BYW99W-200 Datasheet
307Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com