Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC377 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AC377
Description  Octal D-Type Flip-Flop with Clock Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC377 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC377 Datasheet HTML 3Page - Fairchild Semiconductor 74AC377 Datasheet HTML 4Page - Fairchild Semiconductor 74AC377 Datasheet HTML 5Page - Fairchild Semiconductor 74AC377 Datasheet HTML 6Page - Fairchild Semiconductor 74AC377 Datasheet HTML 7Page - Fairchild Semiconductor 74AC377 Datasheet HTML 8Page - Fairchild Semiconductor 74AC377 Datasheet HTML 9Page - Fairchild Semiconductor 74AC377 Datasheet HTML 10Page - Fairchild Semiconductor 74AC377 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC377, 74ACT377 Rev. 1.6.1
7
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.0V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V
Symbol
Parameter
VCC (V)
(6)
TA = +25°C
TA = –40°C to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
3.3
90
125
75
MHz
5.0
140
175
125
tPLH
Propagation Delay,
CP to Qn
3.3
3.0
8.0
13.0
1.5
14.0
ns
5.0
2.0
6.0
9.0
1.5
10.0
tPHL
Propagation Delay,
CP to Qn
3.3
3.5
8.5
13.0
2.0
14.5
ns
5.0
2.5
6.5
10.0
1.5
11.0
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5
tH
Hold Time, HIGH or LOW,
Dn to CP
3.3
–2.0
0
0
ns
5.0
–1.0
1.0
1.0
tS
Setup Time, HIGH or LOW,
CE to CP
3.3
4.0
6.0
7.5
ns
5.0
2.5
4.0
4.5
tH
Hold Time, HIGH or LOW,
CE to CP
3.3
–3.5
0
0
ns
5.0
–2.0
1.0
1.0
tW
CP Pulse Width,
HIGH or LOW
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5


Similar Part No. - 74AC377

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377MTC FAIRCHILD-74AC377MTC Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377MTCX FAIRCHILD-74AC377MTCX Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377MTCX_NL FAIRCHILD-74AC377MTCX_NL Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74AC377PC FAIRCHILD-74AC377PC Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

Similar Description - 74AC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com