Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15CTQ045-1PBF Datasheet(PDF) 2 Page - International Rectifier

Part # 15CTQ045-1PBF
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15CTQ045-1PBF Datasheet(HTML) 2 Page - International Rectifier

  15CTQ045-1PBF Datasheet HTML 1Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 2Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 3Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 4Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 5Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 6Page - International Rectifier 15CTQ045-1PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
15CTQ...SPbF, 15CTQ...-1PbF Series
2
Bulletin PD-21025 rev. A 06/06
www.irf.com
I
F(AV) Max. Average Forward Current
15
A
50% duty cycle @ T
C = 123°C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
810
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
145
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
10
mJ
T
J = 25 °C, IAS = 1.20 Amps, L = 11.10 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1.5
A
Current decaying linearly to zero in 1 μsec
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
3.50
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.75
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.50
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
15CTQ...S
Case style D2Pak
15CTQ...-1
Case style TO-262
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.55
V
@ 7.5A
(Per Leg) * See Fig. 1
(1)
0.70
V
@ 15A
0.51
V
@ 7.5A
0.65
V
@ 15A
I
RM
Max. Reverse Leakage Current
0.8
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
32
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
400
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated V
R)
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
V
R = rated VR
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
Parameters
15CTQ Units
Conditions
A
Part number
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
35
40
45
Parameters
15CTQ Units
Conditions
Parameters
15CTQ Units
Conditions
15CTQ035SPbF
15CTQ040SPbF
15CTQ045SPbF
15CTQ035-1PbF
15CTQ040-1PbF
15CTQ045-1PbF


Similar Part No. - 15CTQ045-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQ045-1PBF VISHAY-15CTQ045-1PBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 13-Aug-08
15CTQ045-1PBF VISHAY-15CTQ045-1PBF Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 12-Mar-10
More results

Similar Description - 15CTQ045-1PBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com