Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX256ASA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX256ASA
Description  3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX256ASA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX256ASA Datasheet HTML 6Page - Maxim Integrated Products MAX256ASA Datasheet HTML 7Page - Maxim Integrated Products MAX256ASA Datasheet HTML 8Page - Maxim Integrated Products MAX256ASA Datasheet HTML 9Page - Maxim Integrated Products MAX256ASA Datasheet HTML 10Page - Maxim Integrated Products MAX256ASA Datasheet HTML 11Page - Maxim Integrated Products MAX256ASA Datasheet HTML 12Page - Maxim Integrated Products MAX256ASA Datasheet HTML 13Page - Maxim Integrated Products MAX256ASA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Component Selection
Transformer Selection
Transformer selection for the MAX256 can be simplified
by the use of a design metric, the ET product. The ET
product relates the maximum allowable magnetic flux
density in a transformer core to the voltage across a
winding and switching period. Inductor current in the
primary linearly increases with time in the operating
region of the MAX256. Transformer manufacturers
specify a minimum ET product for each transformer. For
the MAX256, the requirement on ET product is calculat-
ed as:
By choosing a transformer with sufficient ET product in
the primary winding, it is ensured that the transformer
will not saturate during operation. Saturation of the
magnetic core results in significantly reduced induc-
tance of the primary, and therefore a large increase in
current flow. Excessive transformer current results in a
temperature rise and possible damage to the trans-
former and/or the MAX256.
When CK_RS is unconnected, the internal oscillator is
programmed for the minimum frequency. The default
required ET product for the MAX256 is 42.3Vµs, (assum-
ing +5.5V maximum VCC), or 27.7Vµs for +3.3V opera-
tion (assuming +3.6V maximum VCC). Both of these ET
products assume the minimum oscillator frequency of
65kHz. See the Typical Operating Characteristics plot,
RS vs. Required ET Product to determine the required
ET product for a given value of RS.
In addition to the constraint on ET product, choose a
transformer with a low DC-winding resistance. Power
dissipation of the transformer due to the copper loss is
approximated as:
where RPRI is the DC-winding resistance of the primary,
and RSEC is the DC-winding resistance of the sec-
ondary. In most cases, an optimum is reached when:
For this condition, the power dissipation is equal for the
primary and secondary windings.
RN R
SEC
PRI
=
2
PI
N R
R
D TX
LOAD
PRI
SEC
_
+
2
2
ET
V
f
CC
SW
×
1
2
3W Primary-Side Transformer H-Bridge Driver
for Isolated Supplies
10
______________________________________________________________________________________
GND
MAX256
MODE
CK_RS
+5V
47kΩ
VCC
ST2
ST1
7815
10µF
0.1µF
0.1µF
-15V
COMMON
4.7µF
470nF
7815
10µF
0.1µF
MBRS140
TGM-280NS
TGM-280NS
MBRS140
MBRS140
MBRS140
0.1µF
+15V
Figure 5. +5V to Isolated Regulated ±15V


Similar Part No. - MAX256ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX256ASA++ MAXIM-MAX256ASA+ Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
MAX256ASA/V+T MAXIM-MAX256ASA/V+T Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
More results

Similar Description - MAX256ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX13256 MAXIM-MAX13256 Datasheet
2Mb / 17P
   36V H-Bridge Transformer Driver for Isolated Supplies Integrated System Protection
Rev 0; 6/11
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Unisonic Technologies
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com