Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6712GU Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6712GU
Description  4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712GU Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6712GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6712GU Datasheet HTML 12Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MOSA
MS6712
4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
8
www.mosanalog.com
Timing of SDA and SCL Bus Lines
tf
S
tLOW
tHD;STA
tr
tHD;DAT
tSU;DAT
tf
tHIGH
tHD;STA
tSU;STA
Sr
S
P
tSP
tSU;STO
tr
tBUF
SDA
SCL
Standard Mode
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated
4.0
-
us
tLOW
LOW period of the SCL clock
4.7
-
us
tHIGH
HIGH period of the SCL clock
4.0
-
us
tSU:STA
Set-up time for a repeated START condition
4.7
-
us
tHD:DAT
Data hold time:
For I
2C-bus devices
0
3.45
us
tSU:DAT
Data-set-up time
250
-
ns
tr
Rise time of both SDA and SCL signals
-
1000
ns
tf
Fall time of both SDA and SCL signals
-
300
ns
tSU:STO
Set-up time for STOP condition
4.0
-
us
tBUF
Bus free time between a STOP and START condition
4.7
-
us
Cb
Capacitive load for each bus line
-
400
pF
VnL
Noise margin at the LOW level for each connected device (including
hysteresis)
0.1VDD
-
V
VnH
Noise margin at the HIGH level for each connected device (including
hysteresis)
0.2VDD
-
V
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6712 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
V
DD
MCU
MS6712


Similar Part No. - MS6712GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
   Low Cost 4 Stereo Inputs and 4-Channel Outputs
MS6712LTR MOSA-MS6712LTR Datasheet
663Kb / 14P
   Low Cost 4 Stereo Inputs and 4-Channel Outputs
MS6712LU MOSA-MS6712LU Datasheet
663Kb / 14P
   Low Cost 4 Stereo Inputs and 4-Channel Outputs
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
More results

Similar Description - MS6712GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
   3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
   3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
   4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6715 MOSA-MS6715_1 Datasheet
512Kb / 16P
   1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715 MOSA-MS6715 Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com