Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP603 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP603
Description  300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP603 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP603 Datasheet HTML 1Page - ON Semiconductor NCP603 Datasheet HTML 2Page - ON Semiconductor NCP603 Datasheet HTML 3Page - ON Semiconductor NCP603 Datasheet HTML 4Page - ON Semiconductor NCP603 Datasheet HTML 5Page - ON Semiconductor NCP603 Datasheet HTML 6Page - ON Semiconductor NCP603 Datasheet HTML 7Page - ON Semiconductor NCP603 Datasheet HTML 8Page - ON Semiconductor NCP603 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP603
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = 1.750 V, Vout = 1.250 V, Cin = Cout =1.0 mF, for typical values TA = 25°C, for min/max
values TA = -40°C to 125°C, unless otherwise specified.) (Note 8)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Regulator Output (Adjustable Voltage Version)
Output Voltage
Vout
Iout = 1.0 mA to 150 mA
Vin = 1.75 V to 6.0 V,
Vout = ADJ
1.231
(-1.5%)
1.250
1.269
(+1.5%)
V
Output Voltage
Vout
Iout = 1.0 mA to 300 mA
Vin = 1.75 V to 6.0 V,
Vout = ADJ = 1.25 V
1.213
(-3%)
1.250
1.287
(+3%)
V
Power Supply Ripple Rejection (Note 9)
PSRR
Iout = 1.0 mA to 150 mA
Vin = Vout + 1 V + 0.5 Vp-p
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
-
-
-
62
55
38
-
-
-
dB
Line Regulation
Regline
Vin = 1.750 V to 6.0 V,
Iout = 1.0 mA
-
1.0
10
mV
Load Regulation
Regload
Iout = 1.0 mA to 300 mA
-
2.0
45
mV
Output Noise Voltage (Note 9)
Vn
f = 10 Hz to 100 kHz
-
50
-
mVrms
Output Short Circuit Current
Isc
500
650
900
mA
Dropout Voltage
1.25 V
VDO
Measured at: Vout – 2.0%,
Iout = 150 mA, Figure 2
-
175
250
mV
Dropout Voltage
1.25 V
VDO
Measured at: Vout – 2.0%,
Iout = 300 mA, Figure 2
-
375
480
mV
Output Current Limit
Iout(max)
300
650
-
mA
Regulator Output (Fixed Voltage Version) (Vin = Vout + 0.5 V, Cin = Cout =1.0 mF, for typical values TA = 25°C, for min/max values TA =
-40
°C to 125°C; unless otherwise noted.) (Note 8)
Output Voltage
1.3 V
1.5 V
1.8 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Vout
Iout = 1.0 mA to 150 mA
Vin = (Vout + 0.5 V) to 6.0 V
(-2%)
1.270
1.470
1.764
2.744
2.940
3.234
3.43
4.900
1.3
1.5
1.8
2.8
3.0
3.3
3.5
5.0
(+2%)
1.326
1.530
1.836
2.856
3.060
3.366
3.57
5.100
V
Output Voltage
1.3 V
1.5 V
1.8 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Vout
Iout = 1.0 mA to 300 mA
Vin = (Vout + 0.5 V) to 6.0 V
(-3%)
1.261
1.455
1.746
2.716
2.910
3.201
3.395
4.850
1.3
1.5
1.8
2.8
3.0
3.3
3.5
5.0
(+3%)
1.339
1.545
1.854
2.884
3.090
3.399
3.605
5.150
V
Power Supply Ripple Rejection (Note 9)
PSRR
Iout = 1.0 mA to 150 mA
Vin = Vout + 1 V + 0.5 Vp-p
f = 120 Hz
f = 1.0 kHz
f = 10 kHz
-
-
-
62
55
38
-
-
-
dB
Line Regulation
Regline
Vin = 1.750 V to 6.0 V,
Iout = 1.0 mA
-
1.0
10
mV
Load Regulation
Regload
Iout = 1.0 mA to 150 mA
Iout = 1.0 mA to 300 mA
-
-
2.0
2.0
30
45
mV
8. Performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at TJ = TA =
25
°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. Values based on design and/or characterization.


Similar Part No. - NCP603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603SN130T1G ONSEMI-NCP603SN130T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP603SN150T1G ONSEMI-NCP603SN150T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP603SN180T1G ONSEMI-NCP603SN180T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP603SN250T1G ONSEMI-NCP603SN250T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP603SN280T1G ONSEMI-NCP603SN280T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results

Similar Description - NCP603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com