Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23EP05SXC-1 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY23EP05SXC-1
Description  2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP05SXC-1 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY23EP05SXC-1 Datasheet HTML 4Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 5Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 6Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 7Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 8Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 9Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 10Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 11Page - Cypress Semiconductor CY23EP05SXC-1 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY23EP05
Document #: 38-07759 Rev. *B
Page 8 of 12
Figure 3. 2.7V Measured Supply Current versus Frequency, Drive Strength, Loading, and Temperature. Note that the
30-pF data above 100 MHz is beyond the data sheet specification of 22 pF.
0
10
20
30
40
50
60
70
33
66
100
133
166
200
Frequency (MHz)
15pF, -45C, Standard Drive
15pF, 90C, Standard Drive
15pF, -45C, High Drive
15pF, 90C, High Drive
30pF, -45C, High Drive
30pF, 90C, High Drive
Figure 4. 3.6V Measured Supply Current versus Frequency, Drive Strength, Loading, and Temperature. Note that
the 30-pF high-drive data above 100 MHz is beyond the data sheet specification of 22 pF.
0
20
40
60
80
100
33
66
100
133
166
200
233
Frequency (MHz)
15pF, -45C, Standard Drive
15pF, 90C, Standard Drive
30pF, -45C, Standard Drive
30pF, 90C, Standard Drive
15pF, -45C, High Drive
15pF, 90C, High Drive
30pF, -45C, High Drive
30pF, 90C, High Drive


Similar Part No. - CY23EP05SXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05SXC-1 CYPRESS-CY23EP05SXC-1 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP05SXC-1H CYPRESS-CY23EP05SXC-1H Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP05SXC-1HT CYPRESS-CY23EP05SXC-1HT Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP05SXC-1T CYPRESS-CY23EP05SXC-1T Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
More results

Similar Description - CY23EP05SXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09 CYPRESS-CY23EP09 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com