Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA111AP Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA111AP Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA111AP Datasheet HTML 5Page - Burr-Brown (TI) INA111AP Datasheet HTML 6Page - Burr-Brown (TI) INA111AP Datasheet HTML 7Page - Burr-Brown (TI) INA111AP Datasheet HTML 8Page - Burr-Brown (TI) INA111AP Datasheet HTML 9Page - Burr-Brown (TI) INA111AP Datasheet HTML 10Page - Burr-Brown (TI) INA111AP Datasheet HTML 11Page - Burr-Brown (TI) INA111AP Datasheet HTML 12Page - Burr-Brown (TI) INA111AP Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
®
INA111
9
A combination of common-mode and differential input
voltage can cause the output of A1 or A2 to saturate. Figure
4 shows the output voltage swing of A1 and A2 expressed in
terms of a common-mode and differential input voltages.
For applications where input common-mode range must be
maximized, limit the output voltage swing by connecting the
INA111 in a lower gain (see performance curve “Input
Common-Mode Voltage Range vs Output Voltage”). If
necessary, add gain after the INA111 to increase the voltage
swing.
Input-overload often produces an output voltage that appears
normal. For example, consider an input voltage of +14V on
one input and +15V on the other input will obviously exceed
the linear common-mode range of both input amplifiers.
Since both input amplifiers are saturated to the nearly the
same output voltage limit, the difference voltage measured
by the output amplifier will be near zero. The output of the
INA111 will be near 0V even though both inputs are
overloaded.
INPUT PROTECTION
Inputs of the INA111 are protected for input voltages from
0.7V below the negative supply to 15V above the positive
power supply voltages. If the input current is limited to less
than 1mA, clamp diodes are not required; internal junctions
will clamp the input voltage to safe levels. If the input source
can supply more than 1mA, use external clamp diodes as
shown in Figure 5. The source current can be limited with
series resistors R1 and R2 as shown. Resistor values greater
than 10k
Ω will contribute noise to the circuit.
A diode formed with a 2N4117A transistor as shown in
Figure 5 assures low leakage. Common signal diodes such as
the 1N4148 may have leakage currents far greater than the
input bias current of the INA111 and are usually sensitive to
light.
INPUT FILTERING
The INA111’s FET input allows use of an R/C input filter
without creating large offsets due to input bias current.
Figure 6 shows proper implementation of this input filter to
preserve the INA111’s excellent high frequency common-
mode rejection. Mismatch of the common-mode input ca-
pacitance (C1 and C2), either from stray capacitance or
FIGURE 5. Input Protection Voltage Clamp.
FIGURE 4. Voltage Swing of A
1 and A2.
INA111
V
O
V+
V+
V
IN
V
IN
+
D
1
D
3
D
2
D
4
Diodes:
=
2N4117A
1pA Leakage
R
G
R
1
R
2
A
1
A
2
A
3
10k
10k
10k
10k
R
G
V+
V–
INA111
V
O = G • VD
G = 1 +
50k
R
G
25k
25k
V
CM
G • V
D
2
V
D
2
V
D
2
V
CM
V
CM +
G • V
D
2


Similar Part No. - INA111AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111AP BURR-BROWN-INA111AP Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com