Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW51-200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BYW51-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51-200 Datasheet(HTML) 8 Page - STMicroelectronics

  BYW51-200 Datasheet HTML 1Page - STMicroelectronics BYW51-200 Datasheet HTML 2Page - STMicroelectronics BYW51-200 Datasheet HTML 3Page - STMicroelectronics BYW51-200 Datasheet HTML 4Page - STMicroelectronics BYW51-200 Datasheet HTML 5Page - STMicroelectronics BYW51-200 Datasheet HTML 6Page - STMicroelectronics BYW51-200 Datasheet HTML 7Page - STMicroelectronics BYW51-200 Datasheet HTML 8Page - STMicroelectronics BYW51-200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
8/9
PACKAGE MECHANICAL DATA
TO-220FPAB
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
PACKAGE MECHANICAL DATA
ISOWATT220AB (JEDEC compatible)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126


Similar Part No. - BYW51-200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BYW51-200 INTERSIL-BYW51-200 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
ON Semiconductor
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
ON Semiconductor
BYW51-200 ONSEMI-BYW51-200 Datasheet
95Kb / 5P
   Switch?릑ode Power Rectifier
November, 2014 ??Rev. 4
logo
Inchange Semiconductor ...
BYW51-200 ISC-BYW51-200 Datasheet
234Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - BYW51-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW99W-200 STMICROELECTRONICS-BYW99W-200 Datasheet
307Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com