Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA111AUE4 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA111AUE4
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA111AUE4 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA111AUE4 Datasheet HTML 2Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 3Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 4Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 5Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 6Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 7Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 8Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 9Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
®
INA111
6
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
1
0.1
0.01
0.001
0.0001
20
100
1k
10k
20k
Single-Ended Drive G = 1
Differential Drive G = 1
G = 1k
G = 100
G = 10
V
O = 3Vrms, RL = 2kΩ
Measurement BW = 80kHz
QUIESCENT CURRENT vs TEMPERATURE
3.5
3.4
3.3
3.2
3.1
3.0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
+10
–10
0
10
20
0
Time (
µs)
+10
–10
10
20
0
Time (
µs)
0
+0.1
–0.1
0
+0.1
–0.1
0
10
20
0
Time (
µs)
10
20
0
Time (
µs)
SMALL SIGNAL RESPONSE, G = 1
LARGE SIGNAL RESPONSE, G = 100
SMALL SIGNAL RESPONSE, G = 1
LARGE SIGNAL RESPONSE, G = 100


Similar Part No. - INA111AUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111AU BURR-BROWN-INA111AU Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111AUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com