Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-TMS3705ADR Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # RI-TMS3705ADR
Description  LF BASE STATION IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

RI-TMS3705ADR Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  RI-TMS3705ADR Datasheet HTML 1Page - Pericom Semiconductor Corporation RI-TMS3705ADR Datasheet HTML 2Page - Pericom Semiconductor Corporation RI-TMS3705ADR Datasheet HTML 3Page - Pericom Semiconductor Corporation RI-TMS3705ADR Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
DESCRIPTION
RI-TMS3705ADR
SCBS863 – NOVEMBER 2003
LF BASE STATION IC
• Digital FSK Demodulator
• Low Current Consumption in Sleep Mode
• High Speed Data Transmission in
Synchronous Mode
• Automatic Transponder Frequency
Measurement and Adaptation
• Power on Reset
• Diagnosis Function
• PLL
• Full Bridge Antenna Driver
• Short Circuit Protection
• Built in Band-Pass Filter and Limiter
• Support of All TI-RFid™ LF Transponder
Functions
The LF base station IC TMS3705ADR allows efficient development and production of RFID readers for low
power hand scanners, stationary readers and vehicle immobilizers. This base station IC drives the antenna of a
TI-RFid™ transponder system to send data modulated on the antenna signal, and to detect and demodulate the
response from the transponder. It allows also minimizing the external component count.
ORDERING INFORMATION
PACKAGE(1)
Package/Pin count
SO 16 (10 mm
× 6 mm)
Packing/Delivery
Tape on Reel, 2500 units per reel
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TMS3705ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC TMS3705ADR
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
More results

Similar Description - RI-TMS3705ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC TMS3705ADR
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI1-TMS3705_16 Datasheet
960Kb / 30P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI-TMS3705_V01 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
Microchip Technology
AN912 MICROCHIP-AN912 Datasheet
428Kb / 16P
   Designing LF Talkback for a Magnetic Base Station
2004
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com