Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6932SZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6932SZ
Description  Green-Mode PFC / Forward PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6932SZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SG6932SZ Datasheet HTML 2Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 3Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 4Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 5Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 6Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 7Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 8Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 9Page - Fairchild Semiconductor SG6932SZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Product Specification
Green-Mode PFC / Forward PWM Controller
SG6932
© System General Corp.
- 6 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.1.1 (IAO33.0011.B2)
September 19, 2007
VRMS for UVP and ON/OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRMS-UVP-1
RMS AC Voltage Under-Voltage Threshold
to Turn Off PFC (with TUVP Delay) for UVP
Mode1
0.75
0.8
0.85
V
VRMS-UVP-2
Recovery Level on VRMS for UVP
VRMS-UVP-1+
0.17V
VRMS-UVP-1+
0.19V
VRMS-UVP-1+
0.21V
V
TUVP
Under-Voltage Protection Propagation to
Turn Off PFC Delay Time (No Delay for
Start-up)
RI=24kΩ
150
195
240
ms
PFC Stage
Voltage Error Amplifier
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
2.95
3.00
3.05
V
Av
Open-Loop Gain
60
dB
Zo
Output Impedance
110
kΩ
OVPFBPFC
PFC Over-voltage Protection
3.20
3.25
3.30
V
OVPFBPFC
PFC Feedback Voltage Protection
Hysteresis
60
90
120
mV
VFBPFC-H
Clamp-High Feedback Voltage
3.10
3.15
3.20
V
GFBPFC-H
Clamp-High Gain
0.5
mA/V
VFBPFC-L
Clamp-Low Feedback Voltage
2.75
2.85
2.90
V
GFBPFC-L
Clamp-Low Gain
6.5
mA/mV
IFBPFC-L.
Maximum Source Current
1.5
2.0
mA
IFBPFC-H.
Maximum Sink Current
70
110
µA
UVPVFB
PFC Feedback Under-Voltage Protection
0.35
0.40
0.45
V
VFBHIGH
Output High Voltage on VEA
6
7
8
V
VRD-FBPFC
Voltage level on FBPFC to Enable OPWM
During Start-up
2.6
2.7
2.8
V
TUVP-PFC
Debounce Time of PFC UVP
40
70
120
µs
Current Error Amplifier
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOFFSET
Input Offset Voltage ((-) > (+))
8
mV
AI
Open-loop Gain
60
dB
BW
Unit Gain Bandwidth
1.5
MHz
CMRR
Common-mode Rejection Ratio
VCM=0 ~ 1.5V
70
dB
VOUT-HIGH
Output High Voltage
3.2
V
VOUT-LOW
Output Low Voltage
0.2
V
IMR1, IMR2
Reference Current Source
RI=24kΩ (IMR=20+IRI•0.8)
50
70
µA
IL
Maximum Source Current
3
mA
IH
Maximum Sink Current
0.25
mA


Similar Part No. - SG6932SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932SZ FAIRCHILD-SG6932SZ Datasheet
924Kb / 20P
   PFC / Forward PWM Controller
More results

Similar Description - SG6932SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932_08 Datasheet
924Kb / 20P
   PFC / Forward PWM Controller
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com