Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW51G Datasheet(PDF) 7 Page - STMicroelectronics

Part # BYW51G
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51G Datasheet(HTML) 7 Page - STMicroelectronics

  BYW51G Datasheet HTML 1Page - STMicroelectronics BYW51G Datasheet HTML 2Page - STMicroelectronics BYW51G Datasheet HTML 3Page - STMicroelectronics BYW51G Datasheet HTML 4Page - STMicroelectronics BYW51G Datasheet HTML 5Page - STMicroelectronics BYW51G Datasheet HTML 6Page - STMicroelectronics BYW51G Datasheet HTML 7Page - STMicroelectronics BYW51G Datasheet HTML 8Page - STMicroelectronics BYW51G Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
7/9
PACKAGE MECHANICAL DATA
D
2PAK
A
C2
D
R
A2
M
V2
C
A1
G
L
L3
L2
B
B2
E
*
* FLAT ZONE NO LESS THAN 2mm
FOOT PRINT (in millimeters)
D
2PAK
8.90
3.70
1.30
5.08
16.90
10.30
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2


Similar Part No. - BYW51G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW51G-200 STMICROELECTRONICS-BYW51G-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYW51G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW99W-200 STMICROELECTRONICS-BYW99W-200 Datasheet
307Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com