Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40180 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40180
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40180 Datasheet HTML 3Page - Texas Instruments TPS40180 Datasheet HTML 4Page - Texas Instruments TPS40180 Datasheet HTML 5Page - Texas Instruments TPS40180 Datasheet HTML 6Page - Texas Instruments TPS40180 Datasheet HTML 7Page - Texas Instruments TPS40180 Datasheet HTML 8Page - Texas Instruments TPS40180 Datasheet HTML 9Page - Texas Instruments TPS40180 Datasheet HTML 10Page - Texas Instruments TPS40180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
www.ti.com
TERMINAL INFORMATION
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
FB
1
I
Inverting input to the internal error amplifier. Normally this pin is at the reference voltage of 700 mV.
Output of the remote sense amplifier. Amplifier is fixed gain of 1 differential mode and is used for output
DIFFO
2
O
voltage sensing at the load to eliminate distribution drops.
Positive input to the remote sense amplifier. Amplifier is fixed gain of 1 differential mode and is used for
VOUT
3
I
output voltage sensing at the load to eliminate distribution drops.
Negative input to the remote sense amplifier. Amplifier is fixed gain of 1 differential mode and is used for
GSNS
4
I
output voltage sensing at the load to eliminate distribution drops.
Pin is either an input or an output. If the chip is configured as a voltage loop master the valley voltage is
output on this pin and is distributed to the slave devices. If configured as a voltage loop slave, the master
VSH
5
I/O
VSH pin is connected here and the device uses the master valley voltage reference to improve current
sharing.
Programs the overcurrent limit of the device. Connecting a resistor from this pin to VSH and another to
VOUT on the voltage loop master sets a voltage above VSH. COMP is not allowed to exceed this voltage. If
ILIM
6
I
the load current requirements force COMP to this level for seven clock cycles, an overcurrent event is
declared, and the system shuts down and enter a hiccup fault recovery mode. The controller attempts to
restart after a time period given by seven soft-start cycles.
Soft-start input. This pin determines the startup ramp time for the converter as well as overcurrent and other
fault recovery timing. The voltage at this pin is applied as a reference to the error amplifier. While this
voltage is below the precision 700 mV reference, it acts as the dominant reference to the error amp
providing a closed loop startup. After it rises above the 700 mV precision reference, the 700 mV precision
SS
7
I
reference dominates and the output regulates at the programmed level. In case of an overcurrent event, the
converter attempts to restart after a period of time defined by seven soft-start cycles. Additionally this pin is
used to configure the chip as a voltage loop master or slave. If the pin is tied to VDD or PVCC at power up,
the device is in voltage loop slave mode. Otherwise, the device is a voltage loop master.
Frequency programming pin. Connecting a resistor from this pin to GND sets the switching frequency of the
RT
8
I
device. If this pin is connected to VDD or PVCC, the device is a clock slave and gets its time base from
CLKIO of the clock master device. Phase addressing is done on PSEL.
Signal level ground connection for the device. All low level signals at the device should be referenced to this
GND
9
pin. No power level current should be allowed to flow through the GND pin copper areas on the board.
Connect to the thermal pad area, and from there to the PGND copper area.
Electrically quiet 5-V supply for the internal circuitry inside the device. If VDD is above 5 V, connect a 20-
BP5
10
I
resistor from PVCC to this pin and a 100-nF capacitor from this pin to GND. For VDD at 5 V, this pin can be
tied directly to VDD or through a 20-
Ω resistor with a 100-nF decoupling capacitor to reduce internal noise.
UVLO input for the device. A resistor divider from VDD sets the turn on voltage for the device. Below this
UVLO
11
I
voltage, the device is in a low quiescent current state. Pulling this pin to ground shuts down the device, and
is used as a system shutdown method.
VDD
12
I
Power input for the LDO on the device.
Common connection for the power circuits on the device. This pin should be electrically close to the source
PGND
13
of the FET connected to LDRV. Connected to GND only at the thermal pad for best results.
LDRV
14
O
Gate drive output for the low-side or rectifier FET.
Output of the on board LDO. This is the power input for the drivers and bootstrap circuit. The 5.3-V output
PVCC
15
O
on this pin is used for external circuitry as long as the total current required to drive the gates of the
switching FETs and external loads is less than 50 mA. Connect a 1
µF capacitor from this pin to GND.
This pin is connected to the source of the high-side or switch FET and is the return path for the floating
SW
16
O
high-side driver.
Gate drive output for the high-side FET. High-side FET turn-on time must not be greater than minimum
HDRV
17
O
on-time. See electrical characteristics table for the minimum on time of the pulse width modulator.
Bootstrap pin for the high-side driver. A 100-nF capacitor is connected from this pin to SW and provides
BOOT
18
I
power to the high-side driver when the high-side FET is turned on.
Clock and phase timing output while the device is configured as a clock master. In clock slave mode, the
CLKIO
19
I/O
master CLKIO pin is connected to the slave CLKIO pin to provide time base information to the slave.
Power good output. This open drain output pulls low when the device is in any state other than in normal
PGOOD
20
O
regulation. Active soft-start, UVLO, overcurrent, undervoltage, overvoltage or overtemperature warning
(115
°C junction) causes this output to pull low.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com