Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ0P3817 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LZ0P3817
Description  1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ0P3817 Datasheet(HTML) 3 Page - Sharp Corporation

  LZ0P3817 Datasheet HTML 1Page - Sharp Corporation LZ0P3817 Datasheet HTML 2Page - Sharp Corporation LZ0P3817 Datasheet HTML 3Page - Sharp Corporation LZ0P3817 Datasheet HTML 4Page - Sharp Corporation LZ0P3817 Datasheet HTML 5Page - Sharp Corporation LZ0P3817 Datasheet HTML 6Page - Sharp Corporation LZ0P3817 Datasheet HTML 7Page - Sharp Corporation LZ0P3817 Datasheet HTML 8Page - Sharp Corporation LZ0P3817 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LZ0P3817
PIN DESCRIPTION
PIN NO. SYMBOL
I/O
DESCRIPTION
A/D
Analog
Digital ground
AVDD
11
Analog
Analog power supply
AGND
10
Digital
Analog ground
I
STBY
9
Standby control mode*
NC
8
Analog
No connection
ADH
7
Analog
Top ADC reference voltage
ADL
6
Analog
Bottom ADC reference voltage
OFS
5
Analog
Offset bias voltage for AGC output
AVDD
4
Analog
Analog power supply
AGND
3
Analog
Analog ground
O
AGCOUT
2
Analog
AGC output
BIAS1
1
Analog bias voltage 1 for image sensor
12
DGND
Digital
Digital
I
SDI
27
Control data input (AGC gain, offset, shutter control,
image inversion, etc.)
Digital
I
VD
26
Vertical drive pulse input
Digital
I
HD
25
Horizontal drive pulse input
Digital
O
CLK
24
Clock output (6.135 MHz)
Digital
O
D7
23
ADC signal output (MSB)
Digital
O
D6
22
ADC signal output
Digital
O
D5
21
ADC signal output
Digital
O
D4
20
ADC signal output
Digital
O
D1
17
ADC signal output
Digital
O
CKO
15
Clock output for oscillator
Digital
I
CKI
14
Clock input for oscillator (12.27 MHz)
Digital
DVDD
13
Digital power supply
Analog bias voltage 2 for image sensor
34
* Standby mode functions
High level : Standby mode (all circuits power-off), Low level or open : Normal mode (all circuits active)
BIAS2
Analog
Analog image signal input
33
SIGIN
I
Analog
Analog image signal output
32
SIGOUT
O
Analog
Analog bias voltage 1 for clamp circuit
31
CLP1
Analog
Analog bias voltage 2 for clamp circuit
30
CLP2
Analog
Load pulse for data input
29
LOAD
I
Digital
Shift clock for data
28
SCLK
I
Digital
ADC signal output (LSB)
16
D0
O
Digital
ADC signal output
18
D2
O
Digital
Digital
O
D3
19
ADC signal output
NC
36
No connection
Analog
I
REFIN
35
Reference voltage for analog input


Similar Part No. - LZ0P3817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
   1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ0P3820 SHARP-LZ0P3820 Datasheet
1Mb / 25P
   l/7-type lens-integrated CMOS Color Area Sensor for CIF
More results

Similar Description - LZ0P3817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
   1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ0P3641 SHARP-LZ0P3641 Datasheet
132Kb / 13P
   1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels
LZ34C10 SHARP-LZ34C10 Datasheet
99Kb / 12P
   1/4-type Color CMOS Image Sensor with 110 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
LZ0P3610 SHARP-LZ0P3610 Datasheet
126Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
   1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com