Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ34B1B Datasheet(PDF) 8 Page - Sharp Corporation

Part # LZ34B1B
Description  1/4-type Color CMOS Image Sensor with 350 k Pixels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ34B1B Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LZ34B1B Datasheet HTML 4Page - Sharp Corporation LZ34B1B Datasheet HTML 5Page - Sharp Corporation LZ34B1B Datasheet HTML 6Page - Sharp Corporation LZ34B1B Datasheet HTML 7Page - Sharp Corporation LZ34B1B Datasheet HTML 8Page - Sharp Corporation LZ34B1B Datasheet HTML 9Page - Sharp Corporation LZ34B1B Datasheet HTML 10Page - Sharp Corporation LZ34B1B Datasheet HTML 11Page - Sharp Corporation LZ34B1B Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LZ34B1B
8
[Monitoring Mode]
CLK
ADOUT
(D0-D7)
Normal
HD
CLK
ADOUT
(D0-D7)
776
4
OB
OB
8
1216202428323640444852566064687276808488
92
HORIZONTAL PULSE TIMING
PHASE RELATIONS BETWEEN DIGITAL OUTPUT (ADOUT) AND CLOCK (CLK)
VERTICAL PULSE TIMING
ππππππππππππππ
OB
OB
ππππππππππππππ
Mirror
10
5
1
CLK
ADOUT
(D0-D7)
Normal
HD
74
78
82
86
90
94
98 102 106 110 114 118 122 126 130 134 138 142 146 150 154 158 162 166 170
Mirror
ADOUT
(D0-D7)
Normal
Mirror
780
HD
SCLK
SDI
AGC
VD
261 262 123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
SDI, SCLK, LOAD Forbidden Period
37 38
41
38
37
34
33
30
29
26
25
22
21
18
17
14
13
10
9
6
5
2
1
OB
42
260
489 490 493 OB
486
D0
D10
D20
D30
D37
SYMBOL
MIN.
TYP.
MAX.
UNIT
∆t
45
ns
453
456
457
460
461
464
465
468
469
472
473
476
477
480
481
484
485
488
489
492
493
OB
452
541 OB
8
LOAD
SERIAL DATA TIMING (SDI, SCLK, LOAD)
Fixed
Gain
Shutter
Offset
∆t
012
• The rising edge of the HD pulse must be between two rising edges of CLK (0) and CLK (1).
• The falling edge of the HD pulse must be between two rising edges of CLK (78) and CLK (79).
• The rising edge and falling edge of the VD pulse must be in high period of the HD pulses.
• Data in SDI are taken at the rising edge of SCLK.
• Clock frequency of SCLK should be less than 1/2 of that of CLK.
• Do not insert the SDI, SCLK and LOAD pulses between 15H* and 16H*. Refer to "VERTICAL PULSE TIMING".
• Refer to "SERIAL DATA INPUTS" for the contents of serial data from D0 to D37.
* It means ordinal number of the HD pulse.
645
650 655
ππππππππππππππ
ππππππππππππππ
OB
1
OB
510
15
20
25
30
35
40
OB
655
OB
650 645
640
635
630
625
620 615


Similar Part No. - LZ34B1B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
More results

Similar Description - LZ34B1B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ0P3817 SHARP-LZ0P3817 Datasheet
145Kb / 16P
   1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
LZ34C10 SHARP-LZ34C10 Datasheet
99Kb / 12P
   1/4-type Color CMOS Image Sensor with 110 k Pixels
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
   1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
   1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ0P3641 SHARP-LZ0P3641 Datasheet
132Kb / 13P
   1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com