Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF218AYQS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF218AYQS
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218AYQS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF218AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF218AYQS Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Micrel
MICRF218
September 2007
10
M9999-090607
(408) 944-0800
Crystal
AGC
RF
Amp
mixer
IF
Amp
SYNTHESIZER
UHF Downconverter
ANT
CAGC
fc
REFERENCE
OSCILLATOR
Reference and Control
SEL0
RO1
OOK
Demodulator
CTH
DO
VDD
VSS
mixer
fLO
IMAGE
REJECT
FILTER
f
-f
i
RSSI
RSSI
SEL1
DO
SLICER
SHDN
RO2
Slicing
Level
Programmable
Low Pass Filter
CONTROL
LOGIC
Detector
CONTROL
LOGIC
CONTROL
LOGIC
IF_BW
IF_BW
Wide / Narrow
Figure 1 Simplified Block Diagram
Functional Description
Figure
1
illustrates
the
basic
structure
of
the
MICRF218. It is composed of three sub-blocks; Image
Rejection UHF Down-converter with Switch-able Dual
IF Bandwidths, the OOK Demodulator, and Reference
and Control Logics.
Outside the device, the MICRF218 requires only three
components to operate: two capacitors (CTH, and
CAGC) and the reference frequency device, usually a
quartz crystal.
Additional five components may be used to improve
performance. These are: low cost linear regulator
decoupling
capacitor,
two
components
for
the
matching network, and two components for the pre-
selector band pass filter.
Receiver Operation
LNA
The RF input signal is AC-coupled into the gate circuit
of the grounded source LNA input stage. The LNA is
a Cascoded NMOS.
Mixers and Synthesizer
The LO ports of the Mixers are driven by quadrature
local oscillator outputs from the synthesizer block.
The local oscillator signal from the synthesizer is
placed on the low side of the desired RF signal to
allow suppression of the image frequency at twice the
IF frequency below the wanted signal. The local
oscillator is set to 32 times the crystal reference
frequency via a phase-locked loop synthesizer with a
fully integrated loop filter.
Image Reject Filter and IF Band-Pass Filter
The IF ports of the mixer produce quadrature down
converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to
the image reject filter where they are combined to
reject the image frequencies. The IF signal then


Similar Part No. - MICRF218AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF218AYQS MICREL-MICRF218AYQS Datasheet
832Kb / 23P
   3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
More results

Similar Description - MICRF218AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
   3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
   3V, QwikRadio짰 433.92 MHz Receiver
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
   300-450 MHz Transmitter
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
   300-440MHz QwikRadio짰 ASK Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
   3.3V, QwikRadio 850 MHz to 950 MHz Receiver
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
   300 MHz Optical receiver
2002 Dec 03
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com