Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79325DBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79325DBVRQ1
Description  ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79325DBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79325DBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS79325DBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS79301Q1,'79318Q1,'79325Q1
'79328Q1,'793285Q1,'79330Q1
TPS79333Q1,'793475Q1
SGLS162D − APRIL 2003 − REVISED SEPTEMBER 2007
ULTRALOW NOISE HIGHPSRR FAST RF 200mA LOW DROPOUT
LINEAR REGULATORS
(3,00 mm x 3,00 mm)
Actual Size
(3,00 mm x 3,00 mm)
Actual Size
FEATURES
D Qualified For Automotive Applications
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D 200-mA Low-Dropout Regulator With
Enable (EN)
D Available in 1.8-V, 2.5-V, 2.8-V, 2.85-V, 3-V,
3.3-V, 4.75-V, and Adjustable Options
D High Power-Supply Rejection Ratio (PSRR)
(70 dB at 10 kHz)
D Ultralow Noise (32 µV)
D Fast Start-Up Time (50 µs)
D Stable With a 2.2-µF Ceramic Capacitor
D Excellent Load/Line Transient
D Very Low Dropout Voltage
(112 mV at Full Load, TPS79330)
D 5-Pin SOT23 (DBV) Package
APPLICATIONS
D VCOs
D RF
D Bluetooth, Wireless LAN
DESCRIPTION
The TPS793xx family of low-dropout (LDO) low-power
linear voltage regulators features high power-supply
rejection ratio (PSRR), ultralow noise, fast start-up, and
excellent line and load transient responses in a
small-outline SOT23 package. Each device in the
family is stable, with a small 2.2-
µF ceramic capacitor
on the output. The TPS793xx family uses an advanced,
proprietary BiCMOS fabrication process to yield
extremely low dropout voltages (e.g., 112 mV at
200 mA, TPS79330). Each device achieves fast
start-up times (approximately 50
µs with a 0.001-µF
bypass capacitor) while consuming very low quiescent
current (170
µA typical). Moreover, when the device is
placed in standby mode, the supply current is reduced
to
less
than
1
µA. The TPS79328 exhibits
approximately 32
µVRMS of output voltage noise with a
0.1-
µF bypass capacitor. Applications with analog
components that are noise sensitive, such as portable
RF electronics, benefit from the high PSRR and
low-noise features as well as the fast response time.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Copyright
 2003−2007, Texas Instruments Incorporated
Bluetooth is a trademark of Bluetooth SIG, Inc.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
Fixed Option
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
5
FB
Adjustable Option


Similar Part No. - TPS79325DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79325DBVRQ1 TI-TPS79325DBVRQ1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79325DBVRQ1 TI1-TPS79325DBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79325DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com