Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI431AR Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3HDMI431AR
Description  3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI431AR Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI431AR Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI431AR Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
PS8894C
11/19/07
PI3HDMI431AR
3:1 Active HDMITM Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
HDMI, High-Definition Multimedia Interface, and Deep Color are trademarks of
HDMI Licensing, LLC in the United States and other countries.
Electrical Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
ICC
Supply Current
VIH = VDD, VIL = VDD - 0.4V,
RT = 50-ohm, VDD = 3.3V
Am/Bm = 1.65 Gbps HDMITM data
pattern, m = 2, 3, 4
A1/B1 = 165 MHz clock
190
230
mA
PD
Power Dissipation
394
657
mW
TMDS Differential Pins (A/B; Y/Z)
VOH
Single-ended high-level output voltage
VDD = 3.3V, RT = 50-ohm
Pre-emphasis/De-emphasis = 0dB
VDD-
10
VDD +
10
mV
VOL
Single-ended low-level output voltage
VDD
- 600
VDD
- 400
Vswing
Single-ended output swing voltage
400
600
VOD(O)
Overshoot of output differential volt-
age
6%
15%
2x
Vswing
VOD(U)
Undershoot of output differential volt-
age
12%
25%
ΔVOC(SS)
Change in steady-state common-mode
output voltage between logic states
0.5
5
mV
|I(OS)|
Short circuit output current
12
mA
VODE(SS) Steady state output differential voltage
OC_S0 = VDD, Am/Bm = 250
Mbps HDMITM data pattern, m = 2,
3, 4
A1/B1 = 25 MHz clock
560
840
mVp-p
VODE(PP) Peak-to-peak output differential voltage
800
1200
VI(open)
Single-ended input voltage under high
impedance input or open input
II = 10μA
VDD
- 10
VDD + 10
mV
RINT
Input termination resistance
VIN = 2.9V
45
50
55
ohm
DDC I/O Pins (SCL, SCL_SINK, SDA, SDA_SINK)
|Ilkg|
Input leakage current
VI = 0.1VDD to 0.9VDD to isolated
DDC ports
0.1
2
μA
CIO
Input/output capacitance
VI = 0V
7.5
pF
RON
Switch resistance
IO = 3mA, VO = 0.4V
25
50
ohm
VPASS
Switch output voltage
VI = 3.3V, II = 100μA
1.5(2)
2.0
2.5(3)
V
Status Pins (HPD)
VOL(TTL) TTL Low-level output voltage
IOL = 8mA
0.4
V
Control Pins (OC_Sx, EQ_Sx, S, OE)
|IIH|
High-level digital input current
VIH= 2.0V or VDD
0.1
2
μA
|IIL|
Low-level digital input current
VIL = GND or 0.8V
0.1
2
Status Pins (HPD_SINK)
|IIH|
High-level digital input current
VIH = 5.3V
23
100
μA
VIH = 2.0V or VDD
0.1
2
|IIL|
Low-level digital input current
VIL = GND or 0.8V
0.1
2
Notes:
1. All typical values are at 25°C and with a 3.3V supply.
2. The value is tested in full temperature range at 3.0V.
3. The value is tested in full temperature range at 3.6V.
07-0255


Similar Part No. - PI3HDMI431AR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-ABE PERICOM-PI3HDMI412-ABE Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-AZHE PERICOM-PI3HDMI412-AZHE Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results

Similar Description - PI3HDMI431AR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
   3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
   1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
   1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
   1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
PI3HDMI1210 PERICOM-PI3HDMI1210 Datasheet
626Kb / 14P
   High-performance HDMITM 1.1 and 1.2 Compatible Signal Switch w/ Integrated Side-band Signal Support
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com