Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W19B160BTAM7H Datasheet(PDF) 10 Page - Winbond

Part # W19B160BTAM7H
Description  16Mbit, 2.7~3.6 volt CMOS flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W19B160BTAM7H Datasheet(HTML) 10 Page - Winbond

Back Button W19B160BTAM7H Datasheet HTML 6Page - Winbond W19B160BTAM7H Datasheet HTML 7Page - Winbond W19B160BTAM7H Datasheet HTML 8Page - Winbond W19B160BTAM7H Datasheet HTML 9Page - Winbond W19B160BTAM7H Datasheet HTML 10Page - Winbond W19B160BTAM7H Datasheet HTML 11Page - Winbond W19B160BTAM7H Datasheet HTML 12Page - Winbond W19B160BTAM7H Datasheet HTML 13Page - Winbond W19B160BTAM7H Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
W19B160BT/B DATA SHEET
- 10 -
held at VIH, but not within VDD ± 0.3V, the device will be in the standby mode, but the standby current
will be greater. The device requires standard access time (tCE) for read access when the device is in
either of these standby modes, before it is ready to read data.
When the device is deselected during erasing or programming, the device initiates active current until
the operation is completed.
6.1.6
Automatic Sleep Mode
The automatic sleep mode minimizes device's energy consumption. When addresses remain stable
for tACC +30 nS, the device will enable this mode automatically. The automatic sleep mode is
independent from the #CE, #WE, and #OE control signals. Standard address access timings provide
new data when addresses are changed. In sleep mode, output data is latched and always available to
the system.
6.1.7
#RESET: Hardware Reset Pin
The #RESET pin provides a hardware method to reset the device to reading array data. When the
#RESET pin is set to low for at least a period of tRP, the device will immediately terminate every
operations in progress, tri-states all output pins, and ignores all read/write commands for the duration
of the #RESET pulse. The device also resets the internal state machine to reading array data mode.
To ensure data integrity, the interrupted operation needs to be reinitiated when the device is ready to
accept another command sequence.
Current is reduced for the duration of the #RESET pulse. When #RESET is held at Vss
± 0.3V, the
device initiates the CMOS standby current (ICC4). If #RESET is held at VIL but not within Vss ± 0.3V,
the standby current will be greater.
The #RESET pin may be tied to the system-reset circuitry. Thus the system reset would also reset the
device, enabling the system to read the boot-up firmware from the device.
If #RESET is asserted during the program or erase operation, the RY/#BY pin will be at “0” (busy) until
the internal reset operation is complete. If #RESET is asserted when a program or erase operation is
not processing (RY/#BY pin is “1”), the reset operation is completed within a time of tREADY (not during
Embedded Algorithms). After the #RESET pin returns to VIH, the system can read data tRH.
6.1.8
Output Disable Mode
When the #OE input is at VIH, output from the device is disabled. The output pins are set in the high
impedance state.
6.1.9
Auto-select Mode
The auto select mode offers manufacturer and device identification, as well as sector protection
verification, through identifier codes output on DQ7-DQ0. This mode is primarily intended for
programming equipment to automatically match a device to be programmed with its corresponding
programming algorithm. However, the auto select codes can also be accessed in-system through the
command register.
When using programming equipment , the auto select mode requires VID (8.5 V to 11.5 V) on address
pins A9. Address pins A6, A1, and A0 must be as shown in auto select table. In addition, when
verifying sector protection, the sector address must appear on the appropriate highest order address
bits. When all necessary bits have been set as required, the programming equipment may then read
the corresponding identifier code on DQ7-DQ0.


Similar Part No. - W19B160BTAM7H

ManufacturerPart #DatasheetDescription
logo
Winbond
W19B160BTT7H WINBOND-W19B160BTT7H Datasheet
542Kb / 47P
   2.7~3.6-volt write (program and erase) operations, Fast write operation
More results

Similar Description - W19B160BTAM7H

ManufacturerPart #DatasheetDescription
logo
Winbond
W19B320B WINBOND-W19B320B Datasheet
661Kb / 51P
   32Mbit, 2.7~3.6-volt single bank CMOS flash memory
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
Sharp Corporation
LH28F016SCHB SHARP-LH28F016SCHB Datasheet
3Mb / 48P
   16Mbit Flash Memory
LH28F160S5HNS-S1 SHARP-LH28F160S5HNS-S1 Datasheet
699Kb / 63P
   Flash Memory 16Mbit (2Mbitx8/1Mbitx16)
LH28F016SCT SHARP-LH28F016SCT Datasheet
867Kb / 17P
   Smart voltage 16Mbit Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
   512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
   512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com