Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS569ADWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS569ADWR
Description  SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS569ADWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALS569ADWR Datasheet HTML 5Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 6Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 7Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 8Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 9Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 10Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 11Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 12Page - Texas Instruments SN74ALS569ADWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN54ALS569A, SN74ALS568A, SN74ALS569A
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
WITH 3-STATE OUTPUTS
SDAS229A – APRIL 1982 – REVISED JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS569A
SN74ALS568A
SN74ALS569A
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
Q outputs
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
Q outputs
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
Q outputs
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
Q outputs
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
CCO and RCO
VCC =4 5V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
CCO and RCO
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO‡
CCO and RCO
VCC =5 5V
VO = 2 25 V
–15
–70
–15
–70
mA
IO‡
Q outputs
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
16
26
16
26
ICC
VCC = 5.5 V
Outputs low
20
32
20
32
mA
Outputs disabled
20
32
20
32
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS569ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS569ADWR TI-SN74ALS569ADWR Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
SN74ALS569ADWRE4 TI-SN74ALS569ADWRE4 Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS569ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS569A TI-SN54ALS569A Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com