Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPS2141 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPS2141
Description  Enhanced single channel power switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2141 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPS2141 Datasheet HTML 4Page - STMicroelectronics STMPS2141 Datasheet HTML 5Page - STMicroelectronics STMPS2141 Datasheet HTML 6Page - STMicroelectronics STMPS2141 Datasheet HTML 7Page - STMicroelectronics STMPS2141 Datasheet HTML 8Page - STMicroelectronics STMPS2141 Datasheet HTML 9Page - STMicroelectronics STMPS2141 Datasheet HTML 10Page - STMicroelectronics STMPS2141 Datasheet HTML 11Page - STMicroelectronics STMPS2141 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Functional description
STMPS2141, STMPS2151, STMPS2161, STMPS2171
8/30
3
Functional description
3.1
Fault blanking
The STMPS devices feature a 10 ms fault blanking. Fault blanking allows current-limit faults,
including momentary short-circuit faults that occur when hot-swapping a capacitive load,
and also ensures that no fault is issued during power-up. When a load transient causes the
device to enter current limit, an internal counter starts. If the load fault persists beyond the
10 ms fault-blanking timeout, the FAULT output asserts “low”. Load-transient faults less than
10 ms (typ.) do not cause a FAULT output assertion. Only current-limit faults are blanked.
Die over-temperature faults and input voltage drops below the UVLO threshold cause an
immediate fault output.
3.2
Overcurrent/over-temperature protection
In overcurrent or short-circuit condition, the switch limits the current at a value of about
120% of the rated current. If the temperature of the die goes above the limit value, the switch
turns off.
3.3
FAULT conditions
In applications of power switch, 3 types of FAULT conditions are common. These fault
conditions and the response of STMPS21x1 power switches are described in the following
table.
Table 3.
FAULT conditions
Fault
Condition
STMPS21x1 action
Short circuit
Output shorted to GND via resistance
path of < 1
Ω, causing a rapid current
surge
Turn off output until short is removed,
assert FAULT pin
Over-current
Output connected to a load that sinks
current above threshold
Reduces output voltage to reduce the
current. Assert FAULT pin after a blanking
period
Overheating
Temperature of junction exceeds 135°C
due to any reason
Turn OFF output until temperature falls
below 125°C. Asserts FAULT pin
immediately


Similar Part No. - STMPS2141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2141MTR STMICROELECTRONICS-STMPS2141MTR Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2141STR STMICROELECTRONICS-STMPS2141STR Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2141TTR STMICROELECTRONICS-STMPS2141TTR Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
   Enhanced single channel power switches
More results

Similar Description - STMPS2141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
   Enhanced dual-channel power switches
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com