Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT125PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHCT125PW
Description  Quad buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT125PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT125PW Datasheet HTML 2Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 3Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 4Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT125PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74AHC_AHCT125_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2008
6 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
10. Dynamic characteristics
∆I
CC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO = 0 A;
other pins at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3.0
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
For type 74AHC125
tpd
propagation
delay
nA to nY; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.4
8.0
1.0
9.5
1.0
11.5
ns
CL = 50 pF
-
6.2
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.0
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.3
7.5
1.0
8.5
1.0
9.5
ns
ten
enable time
nOE to nY; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.7
8.0
1.0
9.5
1.0
11.5
ns
CL = 50 pF
-
6.8
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.3
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
4.7
7.1
1.0
8.0
1.0
9.0
ns
tdis
disable time
nOE to nY; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.7
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
9.6
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.8
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.8
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-10
-
-
-
-
-
pF


Similar Part No. - 74AHCT125PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT125PW PHILIPS-74AHCT125PW Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT125PW NEXPERIA-74AHCT125PW Datasheet
250Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHCT125PW-Q100 NEXPERIA-74AHCT125PW-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
More results

Similar Description - 74AHCT125PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com