Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHARLIE Datasheet(PDF) 3 Page - STMicroelectronics

Part # CHARLIE
Description  CIGAR LIGHTER ADAPTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CHARLIE Datasheet(HTML) 3 Page - STMicroelectronics

  CHARLIE Datasheet HTML 1Page - STMicroelectronics CHARLIE Datasheet HTML 2Page - STMicroelectronics CHARLIE Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
MECHANICAL DATA (dimensions in mm)
CHARLIE
3/3


Similar Part No. - CHARLIE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CHA VISHAY-CHA Datasheet
175Kb / 12P
   AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip ResistorS
01-Jan-2022
logo
Tyco Electronics
CHA-38-70001 MACOM-CHA-38-70001 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
logo
Vishay Siliconix
CHA02016-XXXXX VISHAY-CHA02016-XXXXX Datasheet
175Kb / 12P
   AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip ResistorS
01-Jan-2022
logo
Cree LED
CHA0304 CREELED-CHA0304 Datasheet
1Mb / 20P
   XLAMP® CHA0304 LED
REV 0
CHA0304 CREELED-CHA0304 Datasheet
1Mb / 18P
   XLamp® CHA0304 Pro9™ LED
REV 1
More results

Similar Description - CHARLIE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VINCENT STMICROELECTRONICS-VINCENT Datasheet
92Kb / 3P
   CIGAR LIGHTER ADAPTER
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
   FIRE LIGHTER CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
   Electronic cigarette lighter
logo
List of Unclassifed Man...
PSR-4C ETC2-PSR-4C Datasheet
30Kb / 1P
   4 Amp Regulated 12V DC Power Supply with Cigarette Lighter Adapter
logo
STMicroelectronics
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
   FIRE LIGHTER CIRCUIT
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
   FIRE LIGHTER CIRCUIT
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
   FIRE LIGHTER CIRCUIT
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
   FIRE LIGHTER CIRCUIT
April 2002 Ed: 6C
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
   Fire lighter circuit
logo
SHENZHEN FUMAN ELECTRON...
FM7011H FUMAN-FM7011H Datasheet
106Kb / 4P
   Electronic cigarette lighter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com