Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C852LIB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C852LIB Datasheet HTML 1Page - NXP Semiconductors SC16C852LIB Datasheet HTML 2Page - NXP Semiconductors SC16C852LIB Datasheet HTML 3Page - NXP Semiconductors SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
5 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
5.
Pinning information
5.1 Pinning
a. 16 mode
b. 68 mode
Fig 3.
Pin configuration for HVQFN32
002aac179
SC16C852LIBS
(16 mode)
Transparent top view
16
CSA
CSB
A2
TXB
A1
TXA
A0
RXA
INTB
RXB
INTA
D7
RTSA
D6
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
002aac629
SC16C852LIBS
(68 mode)
Transparent top view
68
CS
A3
A2
TXB
A1
TXA
A0
RXA
n.c.
RXB
IRQ
D7
RTSA
D6
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area


Similar Part No. - SC16C852LIB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852LIB PHILIPS-SC16C852LIB Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852LIBS PHILIPS-SC16C852LIBS Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
More results

Similar Description - SC16C852LIB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C850L NXP-SC16C850L Datasheet
253Kb / 54P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Rev. 04-13 December 2007
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C852SV NXP-SC16C852SV Datasheet
232Kb / 48P
   1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-23 September 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850SV NXP-SC16C850SV_V01 Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com