Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # C30
Description  Memory Micromodules General Information for D1, D2 and C Packaging
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C30 Datasheet(HTML) 5 Page - STMicroelectronics

  C30 Datasheet HTML 1Page - STMicroelectronics C30 Datasheet HTML 2Page - STMicroelectronics C30 Datasheet HTML 3Page - STMicroelectronics C30 Datasheet HTML 4Page - STMicroelectronics C30 Datasheet HTML 5Page - STMicroelectronics C30 Datasheet HTML 6Page - STMicroelectronics C30 Datasheet HTML 7Page - STMicroelectronics C30 Datasheet HTML 8Page - STMicroelectronics C30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MICROMODULES
5/13
RELIABILITY
Product
qualification
and
on-going
reliability
monitoring is performed by ST. The principal steps
are listed in Table 8 and Table 9.
Table 8. Package Related Tests
Note: 1. The notation
m/n means: reject the whole lot if more than m devices fail from a sample of n devices. For instance, 0/45 means a
sample of 45 devices taken from a lot, with the whole lot only accepted if every one of the 45 sample devices passed the test.
Table 9. Product Related Tests
Test
Description
Method
Condit ion
LPTD
Criteria
(note 1)
1
Geometry
ST Specification
Monitoring/Lot
5
0/45
2
Visual inspection
ST Specification
Outgoing/Lot
AQL= 0.040
0/315
3
Temperature cycling
MIL-STD-883
Method 1010
-40
°Cto 150 °C, 100 cycles
5
0/45
4
Salt atmosphere
corrosion of contacts
MIL-STD-883
Method 1009
35
°C, 5% NaCl, 24 hour
15
0/15
5
Moisture resistance
MIL-STD-883
Method 1004
85
°C, 85% HR Biased 5.5 V,
168 hour
7
0/32
6
Vibration with electrical
measurement
ISO/IEC 10373
1 octave/minute, acceleration up to
10 G (repeated 20 times)
measurement memory check at 25
°C
20
0/11
7
Bending properties
ISO/IEC 7816-1
Long side: deflection 2 cm
Short side: deflection 1 cm
30 bendings per minute
20
0/11
8
Torsion properties
ISO/IEC 7816-1
Maximum displacement 15
°±1°
1000 torsions, 30 torsions per minute
applied on long side only
20
0/11
Test
Description
Method
Condit ion
LPTD
Criteria
1
Life test
MIL-STD-883
Method 1005
140
°C, 6 V, 504 hours measurement
memory check at 25
°C
3
0/76
2
Electrostatic discharge
MIL-STD-883
Method 3015
Human body model:
1.5 k
Ω, 100 pF, ± 5000 V
n/a
0/9
Electrostatic discharge
MIL-STD-883
Method 3015
Machine model: 0
Ω, 200 pF, ± 200 V
measurement memory check at 25
°C
n/a
0/9
3
Data retention,
Temperature storage
MIL-STD-883
Method 1005
150
°C, 1000 hours, no bias
measurement memory check at 25
°C
5
0/45
4
Write/Erase cycles
ST Specification
100,000 Cycles
200 ppm/
1024 byte/
1000 cycle
0/32
5
Magnetic field, memory
check
ISO IEC 10373
79,500 A/m
15
1/25
6
X-rays, memory check
ISO IEC 10373
70 kV, 0.1 Grey
15
1/25
7
UV light, memory check
ISO IEC 10373
15 W.s/cm2, 30 minutes maximum
15
1/25


Similar Part No. - C30

ManufacturerPart #DatasheetDescription
logo
Powerbox
C30 POWERBOX-C30 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C30 XPPOWER-C30 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Intronics Power, Inc.
C300 INTRONICS-C300 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
More results

Similar Description - C30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10TM FAIRCHILD-FQB44N10TM Datasheet
329Kb / 2P
   D2-PAK Tape and Reel Data D2-PAK Packaging Configuration: Figure 1.0
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
Vishay Siliconix
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
   Packaging Information
Revision: 18-Mar-14
logo
Torex Semiconductor
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
   Packaging Information
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
   Packaging Information
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com